Electronic Components Datasheet Search
  English  ▼

X  

ADS1282IPWR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282IPWR
Description  High-Resolution Analog-to-Digital Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPWR Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS1282IPWR Datasheet HTML 15Page - Texas Instruments ADS1282IPWR Datasheet HTML 16Page - Texas Instruments ADS1282IPWR Datasheet HTML 17Page - Texas Instruments ADS1282IPWR Datasheet HTML 18Page - Texas Instruments ADS1282IPWR Datasheet HTML 19Page - Texas Instruments ADS1282IPWR Datasheet HTML 20Page - Texas Instruments ADS1282IPWR Datasheet HTML 21Page - Texas Instruments ADS1282IPWR Datasheet HTML 22Page - Texas Instruments ADS1282IPWR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
AVSS
300mV<(VREFPorVREFN)<AVDD+300mV
-
Sinc Filter Stage (sinx/x)
DIGITAL FILTER
H(Z)=
1
Z
-
N
N(1
Z
-
)
-1
5
(7)
SincFilter
(Decimateby
8to128)
CoefficientFilter
(FIR)
(Decimateby32)
High-PassFilter
(IIR)
Filter
MUX
ToOutputRegister
FromModulator
DirectModulator
BitStream
30
3
CAL
Block
Code
Clip
31
FilterMode
(RegisterSelect)
ADS1282
www.ti.com ........................................................................................................................................ SBAS418E – SEPTEMBER 2007 – REVISED OCTOBER 2008
Table 4. Digital Filter Selection
The ADS1282 reference inputs are protected by ESD
diodes. In order to prevent these diodes from turning
FILTR[1:0] BITS
DIGITAL FILTERS SELECTED
on, the voltage on either input must stay within the
00
Bypass; modulator output mode
range shown in Equation 6:
01
Sinc
10
Sinc + FIR
Sinc + FIR + HPF
11
(6)
(low-pass and high-pass)
Note that the minimum valid input for VREFN is
AVSS – 0.1V and maximum valid input for VREFP is
AVDD + 0.1V.
The sinc filter is a variable decimation rate, fifth-order,
low-pass filter. Data are supplied to this section of the
A high-quality +5V reference voltage is necessary for
filter from the modulator at the rate of fMOD (fCLK/4).
achieving the best performance from the ADS1282.
The sinc filter attenuates the high-frequency noise of
Noise and drift on the reference degrade overall
the modulator, then decimates the data stream into
system performance, and it is critical that special care
parallel data. The decimation rate affects the overall
be given to the circuitry generating the reference
data rate of the converter; it is set by the DR[2:0]
voltages in order to achieve full performance. See the
register bits, as shown in Table 5.
Application
Information
section
for
reference
recommendations.
Equation 7 shows the scaled Z-domain transfer
function of the sinc filter.
The digital filter receives the modulator output and
decimates the data stream. By adjusting the amount
of filtering, tradeoffs can be made between resolution
and data rate: filter more for higher resolution, filter
less for higher data rate.
Where:
The digital filter is comprised of three cascaded filter
N = decimation ratio
stages: a variable-decimation, fifth-order sinc filter; a
fixed-decimation
FIR,
low-pass
filter
(LPF)
with
Table 5. Sinc Filter Data Rates (CLK = 4.096MHz)
selectable phase; and a programmable, first-order,
DECIMATION
SINC DATA RATE
high-pass filter (HPF), as shown in Figure 42.
DR[2:0] REGISTER
RATIO (N)
(SPS)
The output can be taken from one of the three filter
000
128
8,000
blocks, as Figure 42 shows. To implement the digital
001
64
16,000
filter completely off-chip, select the filter bypass
010
32
32,000
setting (modulator output). For partial filtering by the
011
16
64,000
ADS1282, select the sinc filter output. For complete
on-chip filtering, activate both the sinc and FIR
100
8
128,000
stages. The HPF can then be included to remove dc
and low frequencies from the data. Table 4 shows the
filter options.
Figure 42. Digital Filter and Output Code Processing
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ADS1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com