Electronic Components Datasheet Search
  English  ▼

X  

ADS1282IPWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282IPWR
Description  High-Resolution Analog-to-Digital Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPWR Datasheet(HTML) 4 Page - Texas Instruments

  ADS1282IPWR Datasheet HTML 1Page - Texas Instruments ADS1282IPWR Datasheet HTML 2Page - Texas Instruments ADS1282IPWR Datasheet HTML 3Page - Texas Instruments ADS1282IPWR Datasheet HTML 4Page - Texas Instruments ADS1282IPWR Datasheet HTML 5Page - Texas Instruments ADS1282IPWR Datasheet HTML 6Page - Texas Instruments ADS1282IPWR Datasheet HTML 7Page - Texas Instruments ADS1282IPWR Datasheet HTML 8Page - Texas Instruments ADS1282IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
ADS1282
SBAS418E – SEPTEMBER 2007 – REVISED OCTOBER 2008 ........................................................................................................................................ www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Limit specifications at –40°C to +85°C. Typical specifications at +25°C, AVDD = +2.5V, AVSS = –2.5V, fCLK = 4.096MHz, VREFP = +2.5V,
VREFN = –2.5V, DVDD = +3.3V, CAPN – CAPP = 10nF, PGA = 1, High-Resolution Mode, and fDATA = 1000SPS, unless otherwise noted.
ADS1282
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
DC PERFORMANCE (continued)
PGA = 1
2
ppm/°C
Gain drift
PGA = 16
9
ppm/°C
Gain matching(9)
0.3
0.8
%
Common-mode rejection
fCM = 60Hz
(10)
95
110
dB
AVDD, AVSS
80
90
Power-supply rejection
fPS = 60Hz
(10)
dB
DVDD
90
115
VOLTAGE REFERENCE INPUTS
(AVDD – AVSS)
Reference input voltage
(VREF = VREFP – VREFN)
0.5
5
V
+ 0.2
Negative reference input
VREFN
AVSS – 0.1
VREFP – 0.5
V
Positive reference input
VREFP
VREFN + 0.5
AVDD + 0.1
V
High-resolution mode
85
k
Ω
Reference input impedance
Low-power mode
170
k
Ω
DIGITAL FILTER RESPONSE
Passband ripple
±0.003
dB
Passband (–0.01dB)
0.375 × fDATA
Hz
Bandwidth (–3dB)
0.413 × fDATA
Hz
High-pass filter corner
0.1
10
Hz
Stop band attenuation(11)
135
dB
Stop band
0.500 × fDATA
Hz
Minimum phase filter
5/fDATA
Group delay
s
Linear phase filter
31/fDATA
Minimum phase filter
10/fDATA
Settling time (latency)
s
Linear phase filter
62/fDATA
DIGITAL INPUT/OUTPUT
VIH
0.8 × DVDD
DVDD
V
VIL
DGND
0.2 × DVDD
V
VOH
IOH = 1mA
0.8 × DVDD
V
VOL
IOL = 1mA
0.2 × DVDD
V
Input leakage
0 < VDIGITAL IN < DVDD
±10
µA
Clock input
fCLK
1
4.096
MHz
Serial clock rate
fSCLK
fCLK/2
MHz
(9)
Gain match relative to PGA = 1.
(10) fCM is the input common-mode frequency. fPS is the power-supply frequency.
(11) Input frequencies in the range of NfCLK/512 ± fDATA/2 (N = 1, 2, 3...) can mix with the modulator chopping clock. In these frequency
ranges intermodulation = 120dB, typ.
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com