Electronic Components Datasheet Search
  English  ▼

X  

ADS1282IPWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282IPWR
Description  High-Resolution Analog-to-Digital Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS1282IPWR Datasheet HTML 5Page - Texas Instruments ADS1282IPWR Datasheet HTML 6Page - Texas Instruments ADS1282IPWR Datasheet HTML 7Page - Texas Instruments ADS1282IPWR Datasheet HTML 8Page - Texas Instruments ADS1282IPWR Datasheet HTML 9Page - Texas Instruments ADS1282IPWR Datasheet HTML 10Page - Texas Instruments ADS1282IPWR Datasheet HTML 11Page - Texas Instruments ADS1282IPWR Datasheet HTML 12Page - Texas Instruments ADS1282IPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
-55
-35
Temperature( C)
°
-110
115
120
125
130
-
-
-
-
-15
5
125
45
85
25
65
105
PGA=8
V
=31.25Hz, 0.5dBFS
IN
-
Low-PowerMode
High-ResolutionMode
0
1
V
(V)
REF
130
125
120
115
110
105
100
2
3
5.5
5
4
Low-PowerMode,PGA=1
High-ResolutionMode,PGA=1
Low-PowerMode,PGA=8
High-ResolutionMode,PGA=8
0
1
V
(V)
REF
-110
115
120
125
130
-
-
-
-
2
3
6
5
4
Low-PowerMode,PGA=1
High-ResolutionMode,PGA=1
Low-PowerMode,PGA=8
High-ResolutionMode,PGA=8
0.5
1.0
f
(MHz)
CLK
125
124
123
122
121
120
119
1.5
2.0
4.5
3.0
2.5
3.5
4.0
V
=20mV
DataRate=f
/4096
IN
DC
CLK
Low-PowerMode
High-ResolutionMode
0.5
1.0
f
(MHz)
CLK
-110
115
120
125
130
-
-
-
-
1.5
2.0
4.5
3.0
2.5
3.5
4.0
PGA=8
V
=31.25Hz, 0.5dBFS
DataRate=f
/4096
IN
CLK
-
Low-PowerMode
High-ResolutionMode
10
100
InputFrequency(Hz)
130
120
110
100
90
80
70
1k
10k
1M
100k
Low-PowerMode
High-ResolutionMode
ADS1282
www.ti.com ........................................................................................................................................ SBAS418E – SEPTEMBER 2007 – REVISED OCTOBER 2008
TYPICAL CHARACTERISTICS (continued)
At +25°C, AVDD = +2.5V, AVSS = –2.5V, fCLK = 4.096MHz, VREFP = +2.5V, VREFN = –2.5V, DVDD = +3.3V,
CAPN – CAPP = 10nF, PGA = 1, High-Resolution Mode, and fDATA = 1000SPS, unless otherwise noted.
THD vs TEMPERATURE
SNR vs REFERENCE VOLTAGE
Figure 13.
Figure 14.
THD vs REFERENCE VOLTAGE
SNR vs CLOCK FREQUENCY
Figure 15.
Figure 16.
THD vs CLOCK FREQUENCY
CMR vs INPUT FREQUENCY
Figure 17.
Figure 18.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com