Electronic Components Datasheet Search
  English  ▼

X  

ADS1282IPWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282IPWR
Description  High-Resolution Analog-to-Digital Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1282IPWR Datasheet HTML 3Page - Texas Instruments ADS1282IPWR Datasheet HTML 4Page - Texas Instruments ADS1282IPWR Datasheet HTML 5Page - Texas Instruments ADS1282IPWR Datasheet HTML 6Page - Texas Instruments ADS1282IPWR Datasheet HTML 7Page - Texas Instruments ADS1282IPWR Datasheet HTML 8Page - Texas Instruments ADS1282IPWR Datasheet HTML 9Page - Texas Instruments ADS1282IPWR Datasheet HTML 10Page - Texas Instruments ADS1282IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
TYPICAL CHARACTERISTICS
0
50
Frequency(Hz)
0
-20
-40
-60
-80
-180
100
150
500
250
350
450
200
300
400
-100
-120
-140
-160
8192-PointFFT
V
= 0.5dBFS,31.25Hz
High-ResolutionMode
PGA=1
THD= 124.0dB
IN
-
-
0
50
Frequency(Hz)
0
-20
-40
-60
-80
-180
100
150
500
250
350
450
200
300
400
-100
-120
-140
-160
8192-PointFFT
V
= 0.5dBFS,31.25Hz
Low-PowerMode
PGA=1
THD= 123.0dB
IN
-
-
0
50
Frequency(Hz)
0
-20
-40
-60
-80
-180
100
150
500
250
350
450
200
300
400
-100
-120
-140
-160
8192-PointFFT
V
= 20dBFS,31.25Hz
High-ResolutionMode
PGA=1
THD= 120.1dB
IN
-
-
0
50
Frequency(Hz)
0
-20
-40
-60
-80
-180
100
150
500
250
350
450
200
300
400
-100
-120
-140
-160
8192-PointFFT
V
= 20dBFS,31.25Hz
Low-PowerMode
PGA=1
THD= 117.0dB
IN
-
-
0
50
Frequency(Hz)
0
-20
-40
-60
-80
-180
100
150
500
250
350
450
200
300
400
-100
-120
-140
-160
8192-PointFFT
V
= 0.5dBFS,31.25Hz
High-ResolutionMode
PGA=16
THD= 122.4dB
IN
-
-
0
50
Frequency(Hz)
0
-20
-40
-60
-80
-180
100
150
500
250
350
450
200
300
400
-100
-120
-140
-160
8192-PointFFT
V
= 0.5dBFS,31.25Hz
Low-PowerMode
PGA=16
THD= 121.4dB
IN
-
-
ADS1282
www.ti.com ........................................................................................................................................ SBAS418E – SEPTEMBER 2007 – REVISED OCTOBER 2008
At +25°C, AVDD = +2.5V, AVSS = –2.5V, fCLK = 4.096MHz, VREFP = +2.5V, VREFN = –2.5V, DVDD = +3.3V,
CAPN – CAPP = 10nF, PGA = 1, High-Resolution Mode, and fDATA = 1000SPS, unless otherwise noted.
OUTPUT SPECTRUM
OUTPUT SPECTRUM
Figure 1.
Figure 2.
OUTPUT SPECTRUM
OUTPUT SPECTRUM
Figure 3.
Figure 4.
OUTPUT SPECTRUM
OUTPUT SPECTRUM
Figure 5.
Figure 6.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com