Electronic Components Datasheet Search
  English  ▼

X  

ADS1282IPWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282IPWR
Description  High-Resolution Analog-to-Digital Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS1282IPWR Datasheet HTML 8Page - Texas Instruments ADS1282IPWR Datasheet HTML 9Page - Texas Instruments ADS1282IPWR Datasheet HTML 10Page - Texas Instruments ADS1282IPWR Datasheet HTML 11Page - Texas Instruments ADS1282IPWR Datasheet HTML 12Page - Texas Instruments ADS1282IPWR Datasheet HTML 13Page - Texas Instruments ADS1282IPWR Datasheet HTML 14Page - Texas Instruments ADS1282IPWR Datasheet HTML 15Page - Texas Instruments ADS1282IPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
OVERVIEW
4th-Order
DS
Modulator
Programmable
DigitalFilter
Serial
Interface
Calibration
Control
AINP1
AVSS
CLK
DVDD
DGND
DIN
DOUT
MCLK
DRDY
SCLK
AINN1
M0
M1
ADS1282
AINN2
AINP2
Over-Range
Detection
BYPAS
LDO
PGA
400W
AVDD+AVSS
400W
2
+1.8V
(Digitalcore)
300W
300W
RESET
PWDN
SYNC
AVDD
MFLAG
ADS1282
SBAS418E – SEPTEMBER 2007 – REVISED OCTOBER 2008 ........................................................................................................................................ www.ti.com
The ADS1282 is a high-performance analog-to-digital
Gain and offset registers scale the digital filter output
converter (ADC) intended for energy exploration,
to produce the final code value. The scaling feature
seismic
monitoring,
chomatography,
and
other
can be used for calibration and sensor gain matching.
exacting applications. The converter provides 24- or
The output data word is provided as either a 24-bit
32-bit output data in data rates from 250SPS to
word or a
full
32-bit
word,
allowing
complete
4000SPS. Figure 30 shows the block diagram of the
utilization of the inherently high resolution.
ADS1282.
The SYNC input resets the operation of both the
The
two-channel
input
MUX
allows
five
digital
filter
and
the
modulator,
allowing
configurations: Input 1; Input 2; Input 1 and Input 2
synchronization conversions of multiple ADS1282
shorted
together;
shorted
with
400
Ω test;
and
devices to an external event. The SYNC input
common-mode test. The input MUX is followed by a
supports a continuously-toggled input mode that
continuous time PGA, featuring very low noise of
accepts an external data frame clock locked to the
5nV/
√Hz. The PGA is controlled by register settings,
conversion rate.
allowing gains of 1 to 64.
The RESET input resets the register settings and
The
inherently-stable,
fourth-order,
delta-sigma
also restarts the conversion process. The PWDN
modulator measures the differential input signal
input sets the device into a micro-power state. Note
VIN = (AINP – AINN) PGA against the differential
that register settings are not retained in PWDN mode.
reference VREF = (VREFP – VREFN). A digital output
Use the STANDBY command in its place if it is
(MFLAG) indicates that the modulator is in overload
desired to retain register settings (the quiescent
as a result of an overdrive condition. The modulator
current in the Standby mode is slightly higher).
output is available directly on the MCLK, M0, and M1
Noise-immune
Schmitt-trigger
and
clock-qualified
output pins. The modulator connects to an on-chip
inputs
(RESET
and
SYNC)
provide
increased
digital filter that provides the output code readings.
reliability in high-noise environments. The serial
The digital filter consists of a variable decimation rate,
interface is used to read conversion data, in addition
fifth-order sinc filter followed by a variable phase,
to reading from and writing to the configuration
decimate-by-32,
finite-impulse
response
(FIR)
registers.
low-pass filter with programmable phase, and then by
an adjustable high-pass filter for dc removal of the
output reading. The output of the digital filter can be
taken from the sinc, the FIR low-pass, or the infinite
impulse response (IIR) high-pass sections.
Figure 30. ADS1282 Block Diagram
12
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com