Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 97Page - Renesas Technology Corp 38K2 Datasheet HTML 98Page - Renesas Technology Corp 38K2 Datasheet HTML 99Page - Renesas Technology Corp 38K2 Datasheet HTML 100Page - Renesas Technology Corp 38K2 Datasheet HTML 101Page - Renesas Technology Corp 38K2 Datasheet HTML 102Page - Renesas Technology Corp 38K2 Datasheet HTML 103Page - Renesas Technology Corp 38K2 Datasheet HTML 104Page - Renesas Technology Corp 38K2 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 358 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 15, 2006
page 82 of 130
38K2 Group
REJ09B0338-0200
HARDWARE
EXB Operation Timing Diagram
(1) CPU Channel Receiving Operation
CPU channel receiving operation is shown bellow.
Fig. 122 CPU channel receiving operation
➀➁
➂
Address ExA0
Chip select ExCS
A0 = “1”
CS = “0”
A0 = “1”
CS = “0”
Read ExRD
➁
Write ExWR
Data DQ0 to DQ7
#0
#1
Internal clock
φ
Interrupt request ExINT
[RxB_RDY]
RxB_RDY
RxB_RDY
Receive buffer full bit RXB_FULL
Receive buffer RXBUF
#0
#1
Transmit buffer TXBUF
➀
CPU channel receive enable bit
RXB_ENB
Receive buffer read
➂
<Initial setting>
External I/O configuration register
INT_CTR[3:1] (P33/ExINT pin control) = 0012 (RxB_RDY interrupt)
<Operation start>
EXB interrupt source enable register
RXB_ENB (CPU channel receive enable) = “1” (Receive buffer full interrupt enabled)
➀ Writing the command for enabling operation makes RXB_RDY assertion and the P33/ExINT pin goes to “L”.
If the CPU channel receive enable bit (RXB_ENB) is “0”, both the receive buffer full bit (RXB_FULL) and the receive buffer ready signal (RxB_RDY) to an
external are inactive.
➁ When a write operation is performed from an external MCU bus in the condition of ExCS = “L” and WxA0 = “H”, it will result in as follows:
• The data is written into the receive buffer (RXBUF)
• Negation of the receive buffer ready signal (RxB_RDY) to an external is made
• The RXB_FULL interrupt is generated.
➂ When the CPU reads out the receive buffer (RXBUF) with an interrupt processing program, the receive buffer full bit (RXB_FULL) is cleared to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com