Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 127Page - Renesas Technology Corp 38K2 Datasheet HTML 128Page - Renesas Technology Corp 38K2 Datasheet HTML 129Page - Renesas Technology Corp 38K2 Datasheet HTML 130Page - Renesas Technology Corp 38K2 Datasheet HTML 131Page - Renesas Technology Corp 38K2 Datasheet HTML 132Page - Renesas Technology Corp 38K2 Datasheet HTML 133Page - Renesas Technology Corp 38K2 Datasheet HTML 134Page - Renesas Technology Corp 38K2 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 358 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 15, 2006
page 112 of 130
38K2 Group
REJ09B0338-0200
HARDWARE
(3) Standard Serial I/O Mode
The standard serial I/O mode inputs and outputs the software
commands, addresses and data needed to operate (read, pro-
gram, erase, etc.) the internal flash memory. This I/O is clock
synchronized serial. This mode requires a purpose-specific pe-
ripheral unit.The standard serial I/O mode is different from the
parallel I/O mode in that the CPU controls flash memory rewrite
(uses the CPU rewrite mode), rewrite data input and so forth. The
standard serial I/O mode is started by connecting “H” to the P16
(CE) pin and “H” to the P42 (SCLK) pin and “H” to the CNVSS (VPP)
pin (apply 4.5 V to 5.25 V to Vpp from an external source), and re-
leasing the reset operation. (In the ordinary microcomputer mode,
set CNVss pin to “L” level.)
This control program is written in the Boot ROM area when the
product is shipped from Renesas Technology Corp.. Accordingly,
make note of the fact that the standard serial I/O mode cannot be
used if the Boot ROM area is rewritten in parallel I/O mode. Figure
154 shows the pin connections for the standard serial I/O mode.
In standard serial I/O mode, serial data I/O uses the four serial I/O
pins SCLK, RxD, TxD and SRDY (BUSY). The SCLK pin is the trans-
fer clock input pin through which an external transfer clock is
input. The TxD pin is for CMOS output. The SRDY (BUSY) pin out-
puts “L” level when ready for reception and “H” level when
reception starts.
Serial data I/O is transferred serially in 8-bit units.
In standard serial I/O mode, only the User ROM area shown in
Figure 146 can be rewritten. The Boot ROM area cannot.
In standard serial I/O mode, a 7-byte ID code is used. When there
is data in the flash memory, commands sent from the peripheral
unit (programmer) are not accepted unless the ID code matches.
Outline Performance (Standard Serial I/O Mode)
In standard serial I/O mode, software commands, addresses and
data are input and output between the MCU and peripheral units
(serial programer, etc.) using 4-wire clock-synchronized serial I/O.
In reception, software commands, addresses and program data
are synchronized with the rise of the transfer clock that is input to
the SCLK pin, and are then input to the MCU via the RxD pin. In
transmission, the read data and status are synchronized with the
fall of the transfer clock, and output from the TxD pin.
The TxD pin is for CMOS output. Transfer is in 8-bit units with LSB
first.
When busy, such as during transmission, reception, erasing or
program execution, the SRDY (BUSY) pin is “H” level. Accordingly,
always start the next transfer after the SRDY (BUSY) pin is “L”
level.
Also, data and status registers in a memory can be read after in-
putting software commands. Status, such as the operating state of
the flash memory or whether a program or erase operation ended
successfully or not, can be checked by reading the status register.
Here following explains software commands, status registers, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com