Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 131Page - Renesas Technology Corp 38K2 Datasheet HTML 132Page - Renesas Technology Corp 38K2 Datasheet HTML 133Page - Renesas Technology Corp 38K2 Datasheet HTML 134Page - Renesas Technology Corp 38K2 Datasheet HTML 135Page - Renesas Technology Corp 38K2 Datasheet HTML 136Page - Renesas Technology Corp 38K2 Datasheet HTML 137Page - Renesas Technology Corp 38K2 Datasheet HTML 138Page - Renesas Technology Corp 38K2 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 358 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 15, 2006
page 116 of 130
38K2 Group
REJ09B0338-0200
HARDWARE
qRead Status Register Command
This command reads status information. When the “7016” com-
mand code is transferred with the 1st byte, the contents of the
status register (SRD) with the 2nd byte and the contents of status
register 1 (SRD1) with the 3rd byte are read.
The contents of software commands are explained as follows.
qPage Read Command
This command reads the specified page (256 bytes) in the flash
memory sequentially one byte at a time. Execute the page read
command as explained here following.
(1) Transfer the “FF16” command code with the 1st byte.
(2) Transfer addresses A8 to A15 and A16 to A23 with the 2nd and
3rd bytes respectively.
(3) From the 4th byte onward, data (D0 to D7) for the page (256
bytes) specified with addresses A8 to A23 will be output se-
quentially from the smallest address first synchronized with the
fall of the clock.
data0
data255
A8 to
A15
A16 to
A23
FF16
SCLK
RxD
TxD
SRDY (BUSY)
SRD
output
SRD1
output
SCLK
RxD
TxD
SRDY (BUSY)
7016
Fig. 155 Timing for page read
Fig. 156 Timing for reading status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com