Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 180 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 176Page - Renesas Technology Corp 38K2 Datasheet HTML 177Page - Renesas Technology Corp 38K2 Datasheet HTML 178Page - Renesas Technology Corp 38K2 Datasheet HTML 179Page - Renesas Technology Corp 38K2 Datasheet HTML 180Page - Renesas Technology Corp 38K2 Datasheet HTML 181Page - Renesas Technology Corp 38K2 Datasheet HTML 182Page - Renesas Technology Corp 38K2 Datasheet HTML 183Page - Renesas Technology Corp 38K2 Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 358 page
background image
2.3 Timer
Rev.2.00
Oct 15, 2006
page 31 of 112
38K2 Group
REJ09B0338-0200
APPLICATION
(3)
Timer application example 2: Piezoelectric buzzer output
Outline: The rectangular waveform output function of the timer is applied for a piezoelectric buzzer
output.
Specifications: •The rectangular waveform, dividing the clock f(XIN) = 6 MHz into about 2 kHz (2038
Hz), is output from the P51/CNTR0 pin.
•The level of the P51/CNTR0 pin is fixed to “H” while a piezoelectric buzzer output
stops.
Figure 2.3.13 shows a peripheral circuit example, and Figure 2.3.14 shows the timers connection and
setting of division ratios. Figures 2.3.15 shows the related registers setting, and Figure 2.3.16 shows
the control procedure.
Fig. 2.3.13 Peripheral circuit example
Fig. 2.3.14 Timers connection and setting of division ratios
38K2 Group
P51/CNTR0
PiPiPi.....
245
µs
CNTR0
output
The “H” level is output while a piezoelectric buzzer output stops.
245
µs
Set a division ratio so that the
underflow output period of the timer X
can be 245
µs.
1/16
1/92
1/2
CNTR0
1
f(XIN) = 6 MHz
Fixed
Prescaler X
Timer X
Fixed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com