Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 177Page - Renesas Technology Corp 38K2 Datasheet HTML 178Page - Renesas Technology Corp 38K2 Datasheet HTML 179Page - Renesas Technology Corp 38K2 Datasheet HTML 180Page - Renesas Technology Corp 38K2 Datasheet HTML 181Page - Renesas Technology Corp 38K2 Datasheet HTML 182Page - Renesas Technology Corp 38K2 Datasheet HTML 183Page - Renesas Technology Corp 38K2 Datasheet HTML 184Page - Renesas Technology Corp 38K2 Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 358 page
background image
2.3 Timer
Rev.2.00
Oct 15, 2006
page 32 of 112
38K2 Group
REJ09B0338-0200
APPLICATION
Fig. 2.3.15 Related registers setting
Fig. 2.3.16 Control procedure
TM
TX
91
1
0
0
1
PREX
0
b0
b7
b0
b7
b0
b7
Timer X mode register (address 2316)
Timer X operating mode: Pulse output mode
Timer X count: Stop
Clear to “0” when starting count.
Prescaler X (address 2416)
Timer X (address 2516)
Set “division ratio – 1”.
CNTR0 active edge selection: Output starting at “H” level
RESET
P5
P5D
ICON1
TM
TX
PREX
1
0
XXXX
10012
92 – 1
1 – 1
Output unit
TM (address 2316), bit3
0
(address 0A16), bit1
(address 0B16)
(address 3E16), bit4
(address 2316)
(address 2516)
(address 2416)
TM (address 2316), bit3
1
TX (address 2516)
92 – 1
Initialization
q x: This bit is not used here. Set it to “0” or “1” arbitrarily.
XXX
xXX1X2
Main processing
Piezoelectric buzzer request ?
Yes
Piezoelectric buzzer output start
Stop piezoelectric buzzer output
No
•Timer X interrupt disabled
•CNTR0 output stop; Piezoelectric buzzer output stop
•“Division ratio – 1” set to Timer X and Prescaler X
•Processing piezoelectric buzzer request, generated during
main processing, in output unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com