Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 184 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 180Page - Renesas Technology Corp 38K2 Datasheet HTML 181Page - Renesas Technology Corp 38K2 Datasheet HTML 182Page - Renesas Technology Corp 38K2 Datasheet HTML 183Page - Renesas Technology Corp 38K2 Datasheet HTML 184Page - Renesas Technology Corp 38K2 Datasheet HTML 185Page - Renesas Technology Corp 38K2 Datasheet HTML 186Page - Renesas Technology Corp 38K2 Datasheet HTML 187Page - Renesas Technology Corp 38K2 Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 358 page
background image
2.3 Timer
Rev.2.00
Oct 15, 2006
page 35 of 112
38K2 Group
REJ09B0338-0200
APPLICATION
Fig. 2.3.19 Control procedure
RESET
IREQ1(address 3C16), bit5 ?
0
1
RTI
← TX (address 2516)
214 < (A) < 228
Fpulse
← 0
q x: This bit is not used here. Set it to “0” or “1” arbitrary.
•All interrupts disabled
•Timer X operating mode : Event counter mode
(Count a falling edge of pulses input from CNTR0 pin.)
•Division ratio set so that Timer 1 interrupt will occur at
2 ms intervals.
•Timer X count start
•Interrupts enabled
Note 1: When using Index X mode flag (T)
Note 2: When using Decimal mode flag (D)
•Push registers used in interrupt process routine
•Pop registers pushed to stack
•Counter value initialized
•Timer X interrupt request bit cleared
Initialization
•Timer 1 interrupt enabled
Timer 1 interrupt process routine
CLT (Note 1)
CLD (Note 2)
Push registers to stack
•Processing as out of range when the count value is 256 or more
•Count value read
•Count value into Accumulator (A) stored
In range
Out of range
•Read value with reference value
compared
•Comparison result to flag Fpulse
stored
Process judgment result
Pop registers
SEI
TM
(address 2316)
← XXXX11102
PRE12
(address 2016)
← 3 – 1
T1
(address 2116)
← 250 – 1
PREX
(address 2416)
← 1 – 1
TX
(address 2516)
← 256 – 1
ICON1
(address 3E16), bit6
← 1
TM
(address 2316), bit3
← 0
CLI
Fpulse
← 1
TX
(address 2516)
← 256 – 1
IREQ1
(address 3C16), bit5
← 0
(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com