Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 181Page - Renesas Technology Corp 38K2 Datasheet HTML 182Page - Renesas Technology Corp 38K2 Datasheet HTML 183Page - Renesas Technology Corp 38K2 Datasheet HTML 184Page - Renesas Technology Corp 38K2 Datasheet HTML 185Page - Renesas Technology Corp 38K2 Datasheet HTML 186Page - Renesas Technology Corp 38K2 Datasheet HTML 187Page - Renesas Technology Corp 38K2 Datasheet HTML 188Page - Renesas Technology Corp 38K2 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 358 page
background image
2.3 Timer
Rev.2.00
Oct 15, 2006
page 36 of 112
38K2 Group
REJ09B0338-0200
APPLICATION
(5)
Timer application example 4: Measurement of FG pulse width for motor
Outline: The timer X counts the “H” level width of the pulses input to the P51/CNTR0 pin. An
underflow is detected by the timer X interrupt and an end of the input pulse “H” level is
detected by the CNTR0 interrupt.
Specifications: •The timer X counts the “H” level width of the FG pulse input to the P51/CNTR0 pin.
<Example>
When the clock frequency is 6 MHz, the count source is 2.67
µs, which is obtained by dividing the
clock frequency by 16. Measurement can be performed to 175 ms in the range of FFFF16 to 000016.
Figure 2.3.20 shows the timers connection and setting of division ratio; Figure 2.3.21 shows the
related registers setting; Figure 2.3.22 shows the control procedure.
Fig. 2.3.20 Timers connection and setting of division ratios
175 ms
1/16
1/256
1/256
f(XIN) = 6 MHz
Fixed
Prescaler X
Timer X
Timer X interrupt
request bit
0 : No interrupt request issued
1 : Interrupt request issued
0 or 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com