Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 196Page - Renesas Technology Corp 38K2 Datasheet HTML 197Page - Renesas Technology Corp 38K2 Datasheet HTML 198Page - Renesas Technology Corp 38K2 Datasheet HTML 199Page - Renesas Technology Corp 38K2 Datasheet HTML 200Page - Renesas Technology Corp 38K2 Datasheet HTML 201Page - Renesas Technology Corp 38K2 Datasheet HTML 202Page - Renesas Technology Corp 38K2 Datasheet HTML 203Page - Renesas Technology Corp 38K2 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 358 page
background image
2.4 Serial I/O
Rev.2.00
Oct 15, 2006
page 51 of 112
38K2 Group
REJ09B0338-0200
APPLICATION
Figure 2.4.17 shows a control procedure of the transmitting side, and Figure 2.4.18 shows a control
procedure of the receiving side.
Fig. 2.4.17 Control procedure of transmitting side
RESET
Initialization
SIOCON (Address : 0FE016)
← 1101xx002
BRG
(Address : 0FE216)
← 12 – 1
INTEDGE (Address : 0FF316), bit2
← 0
TB/RB (Address : 2616)
The first byte of a
transmission data
• Transmission data write
Transmit buffer empty flag is set to “0”
by this writing.
• Detection of INT1 falling edge
IREQ2 (Address:3D16), bit0?
1
0
• Judgment of transferring from Transmit
buffer register to Transmit shift register
(Transmit buffer empty flag)
SIOSTS (Address : 2716), bit0?
1
0
TB/RB (Address : 2616)
• Transmission data write
Transmit buffer empty flag is set to “0”
by this writing.
The second byte of a
transmission data
• Judgment of transferring from Transmit
buffer register to Transmit shift register
(Transmit buffer empty flag)
SIOSTS (Address : 2716), bit0?
1
0
• Judgment of shift completion of Transmit shift register
(Transmit shift register shift completion flag)
SIOSTS (Address : 2716), bit2?
1
0
IREQ2 (Address : 3D16), bit0
← 0
q x: This bit is not used here. Set it to “0” or “1” arbitrarily.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com