| Electronic Components Datasheet Search |
|
38K2 Datasheet(PDF) 246 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
38K2 Datasheet(HTML) 246 Page - Renesas Technology Corp |
|
246 / 358 page ![]() 2.13 Standby function Rev.2.00 Oct 15, 2006 page 97 of 112 38K2 Group REJ09B0338-0200 APPLICATION (2) Release of stop mode The stop mode is released by a reset input or by the occurrence of an interrupt request. Note the differences in the restoration process according to reset input or interrupt request, as described below. sRestoration by reset input The stop mode is released by holding the RESET pin to the “L” input level during the stop mode. Oscillation is started when all ports are in the input state and the stop mode of the main clock (XIN- XOUT) is released. Oscillation is unstable when restarted. For this reason, time for stabilizing of oscillation (oscillation stabilizing time) is required. The input of the RESET pin should be held at the “L” level until oscillation stabilizes. When the RESET pin is held at the “L” level for 16 cycles or more of XIN after the oscillation has stabilized, the microcomputer will go to the reset state. After the input level of the RESET pin is returned to “H”, the reset state is released in approximately 10.5 to 18.5 cycles of the XIN input. Figure 2.13.3 shows the oscillation stabilizing time at restoration by reset input. At release of the stop mode by reset input, the internal RAM retains its contents previous to the reset. However, the previous contents of the CPU register and SFR are not retained. For more details concerning reset, refer to “2.10 Reset”. Fig. 2.13.3 Oscillation stabilizing time at restoration by reset input Vcc RESET XIN Stop mode Oscillation stabilizing time 16 cycles or more of XIN Operating mode Time to hold internal reset state = approximately 10.5 to 18.5 cycles of XIN input Execute Stop instruction |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |