Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 243 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 239Page - Renesas Technology Corp 38K2 Datasheet HTML 240Page - Renesas Technology Corp 38K2 Datasheet HTML 241Page - Renesas Technology Corp 38K2 Datasheet HTML 242Page - Renesas Technology Corp 38K2 Datasheet HTML 243Page - Renesas Technology Corp 38K2 Datasheet HTML 244Page - Renesas Technology Corp 38K2 Datasheet HTML 245Page - Renesas Technology Corp 38K2 Datasheet HTML 246Page - Renesas Technology Corp 38K2 Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 358 page
background image
2.12 Clock generating circuit
Rev.2.00
Oct 15, 2006
page 94 of 112
38K2 Group
REJ09B0338-0200
APPLICATION
Fig. 2.12.6 Related registers setting
b7
b0
01
CPU mode register
(CPUM: address 3B16)
0 : Main clock f(XIN)
b7 b6
0 0 :
φ = f(system clock)/8 (8-divide mode)
0 1 :
φ = f(system clock)/4 (4-divide mode)
1 0 :
φ = f(system clock)/2 (2-divide mode)
1 1 :
φ = f(system clock) (Through mode)
0
0
0
1. Select main clock f(XIN) as system clock and set clock division mode.
b7
b0
USB control register
(USBCON: address 1016)
0 : Main clock f(XIN)
0
2. Select main clock f(XIN) as USB clock.
b7
b0
0
1
PLL control register
(PLLCON: address 0FF816)
0
0
3. Enable PLL circuit, and generating PLL output clock (fVCO) 48 MHZ and fSYN.
b4 b3
0 0 : Divided by 8 (fSYN = fUSB/8)
0 1 : Divided by 6 (fSYN = fUSB/6)
1 0 : Divided by 4 (fSYN = fUSB/4)
1 1 : Not selected
b6 b5
0 0 : Not multiplied (fVCO = fXIN)
0 1 : Double (fVCO = fXIN ✕ 2)
1 0 : Quadruple (fVCO = fXIN ✕ 4)
1 1 : Multiplied by 8 (fVCO = fXIN ✕ 8)
1 : PLL enabled
b7
b0
USB control register
(USBCON: address 1016)
1 : fVCO
1
4. Select PLL output clock (fVCO) as USB clock.
b7
b0
CPU mode register
(CPUM: address 3B16)
1 : fSYN
1
5. Select fSYN as system clock.
Note: When selecting fSYN as an internal system clock, refer to “2.11 Frequency synthesizer (PLL)” for details
concerning how to generate fUSB (USB clock) from f(XIN) and the notes on PLL circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com