Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 240 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 240 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 236Page - Renesas Technology Corp 38K2 Datasheet HTML 237Page - Renesas Technology Corp 38K2 Datasheet HTML 238Page - Renesas Technology Corp 38K2 Datasheet HTML 239Page - Renesas Technology Corp 38K2 Datasheet HTML 240Page - Renesas Technology Corp 38K2 Datasheet HTML 241Page - Renesas Technology Corp 38K2 Datasheet HTML 242Page - Renesas Technology Corp 38K2 Datasheet HTML 243Page - Renesas Technology Corp 38K2 Datasheet HTML 244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 358 page
background image
2.12 Clock generating circuit
Rev.2.00
Oct 15, 2006
page 91 of 112
38K2 Group
REJ09B0338-0200
APPLICATION
Fig. 2.12.3 Structure of CPU mode register
b7 b6 b5 b4 b3 b2 b1 b0
R W
0
0
2
0
3
4
5
6
7
1
0
0
1
0
01
b1 b0
0 0 : Single-chip mode
0 1 : Not available
1 0 : Not available
1 1 : Not available
B
Name
Function
At reset
0 : 0 page
1 : 1 page
*
CPU mode register
(CPUM: address 3B16)
CPU mode register
Processor mode bits
Stack page selection bit
Fix this bit to “1”.
Fix this bit to “0”.
0 : Main clock f(XIN)
1 : fSYN
System clock selection bit
b7 b6
0 0 :
φ = f(system clock)/8 (8-divide mode)
0 1 :
φ = f(system clock)/4 (4-divide mode)
1 0 :
φ = f(system clock)/2 (2-divide mode)
1 1 :
φ = f(system clock) (Through mode)
System clock division ratio
selection bits
*: The initial value of bit 1 depends on the CNVss level.
Fig. 2.12.4 Structure of PLL control register
b7 b6 b5 b4 b3 b2 b1 b0
RW
0
0
2
0
3
0
4
5
6
0
7
1
USB clock division
ratio selection bits
PLL control register (PLLCON)
[Address : 0FF816]
B
Function
At reset
Name
PLL control register
b4 b3
0 0 : Divided by 8 (fSYN = fUSB/8)
0 1 : Divided by 6 (fSYN = fUSB/6)
1 0 : Divided by 4 (fSYN = fUSB/4)
1 1 : Not selected
Nothing is arranged for these bit. These are write disabled bits.
When these bits are read out, the contents are “0”.
b6 b5
0 0 : Not multiplied (fVCO = fXIN)
0 1 : Double (fVCO = fXIN ✕ 2)
1 0 : Quadruple (fVCO = fXIN ✕ 4)
1 1 : Multiplied by 8 (fVCO = fXIN ✕ 8)
PLL operation mode
selection bits
PLL enable bit
0 : Disabled
1 : Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com