Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 236 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 236 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 232Page - Renesas Technology Corp 38K2 Datasheet HTML 233Page - Renesas Technology Corp 38K2 Datasheet HTML 234Page - Renesas Technology Corp 38K2 Datasheet HTML 235Page - Renesas Technology Corp 38K2 Datasheet HTML 236Page - Renesas Technology Corp 38K2 Datasheet HTML 237Page - Renesas Technology Corp 38K2 Datasheet HTML 238Page - Renesas Technology Corp 38K2 Datasheet HTML 239Page - Renesas Technology Corp 38K2 Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 358 page
background image
2.11 Frequency synthesizer (PLL)
Rev.2.00
Oct 15, 2006
page 87 of 112
38K2 Group
REJ09B0338-0200
APPLICATION
Table 2.11.2 USB clock division ratio selection bits setting example
fUSB
6 MHZ
8 MHZ
12 MHZ
USB clock division
ratio selection bits *
00
01
10
48 MHZ
fSYN
q fSYN (fUSB division clock)
According to the setting of the USB clock division ratio selection bits (bits 4, 3 of PLLCON), the
division clock of fUSB is supplied to fSYN.
fSYN =fUSB / m, m:value selected by USB clock division ratio selection bits
Set the USB clock division ratio selection bits so that fSYN may be set to 6 MHz, 8 MHz or 12 MHz.
When using fSYN as internal system clock, set the system clock selection bit of CPU mode register
(bit 5 of CPUM: address 003B16) to “1” (fSYN).
Table 2.11.2 shows the example of USB clock division ratio selection bits setting.
*: PLL control register (bit4,3)
q Setting for starting up PLL circuit when hardware reset
Figure 2.11.6 shows the example of related registers setting.
Fig. 2.11.6 Related registers setting when hardware reset
q X: This bit is not used here.
Set it to “0” or “1” arbitrarily.
•Select main clock f(XIN) as a system clock
•Select main clock f(XIN) as a USB clock
•PLL operation mode (bit6,5): Multiplied by 8
•USB division mode (bit4,3): Divided by 6
•Enable PLL operation (bit7)
•Select fSYN as a system clock
•Select PLL circuit output clock fVCO as a USB clock
Note: The above setting example assumes the operation when the external oscillating clock is 6 MHZ and
the internal system clock is fSYN.
•Wait for oscillation stabilization
When multiplying oscillation by PLL, wait for oscillation
stabilization.
CPUM (address: 3B16)
← 11001X002
CPUM (address: 3B16)
← 11101X002
USBCON (address: 1016)
← X0XXXXXX2
PLLCON (address: 0FF816)
← 111010002
Wait (approximately 1 ms)
USBCON (address: 1016)
← X1XXXXXX2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com