Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 233Page - Renesas Technology Corp 38K2 Datasheet HTML 234Page - Renesas Technology Corp 38K2 Datasheet HTML 235Page - Renesas Technology Corp 38K2 Datasheet HTML 236Page - Renesas Technology Corp 38K2 Datasheet HTML 237Page - Renesas Technology Corp 38K2 Datasheet HTML 238Page - Renesas Technology Corp 38K2 Datasheet HTML 239Page - Renesas Technology Corp 38K2 Datasheet HTML 240Page - Renesas Technology Corp 38K2 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 358 page
background image
2.11 Frequency synthesizer (PLL)
Rev.2.00
Oct 15, 2006
page 88 of 112
38K2 Group
REJ09B0338-0200
APPLICATION
q Procedure for stop and return of PLL circuit when stop mode
Figure 2.11.7 shows the stop procedure of PLL circuit, and figure 2.11.8 shows the return procedure
of PLL circuit.
Fig. 2.11.7 Related registers setting when stop mode
q X: This bit is not used here.
Set it to “0” or “1” arbitrarily.
•Select main clock f(XIN) as a system clock
•Disable PLL operation (bit7)
(fVCO is fixed to “L”.)
•Select PLL circuit output clock fVCO as a USB clock
and does not change this setting
CPUM (address: 3B16)
← 11001X002
PLLCON (address: 0FF816)
← 0XXXX0002
USBCON (address: 1016)
← X1XXXXXX2
PLL circuit operation enabled
(Supply PLL circuit output clock fVCO as USB clock)
STP instruction (stop mode)
•Stop mode
Note: The above setting example assumes the operation when the external oscillating clock is 6 MHZ and
the internal system clock is fSYN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com