Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 336 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 332Page - Renesas Technology Corp 38K2 Datasheet HTML 333Page - Renesas Technology Corp 38K2 Datasheet HTML 334Page - Renesas Technology Corp 38K2 Datasheet HTML 335Page - Renesas Technology Corp 38K2 Datasheet HTML 336Page - Renesas Technology Corp 38K2 Datasheet HTML 337Page - Renesas Technology Corp 38K2 Datasheet HTML 338Page - Renesas Technology Corp 38K2 Datasheet HTML 339Page - Renesas Technology Corp 38K2 Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 358 page
background image
3.4 List of registers
Rev.2.00
Oct 15, 2006
page 75 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
Fig. 3.4.88 Structure of UART control register
Fig. 3.4.87 Structure of Serial I/O control register
Serial I/O control register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
0
0
Serial I/O control register (SIOCON) [Address : 0FE016]
0 : System clock
1 : System clock/4
BRG count source
selection bit (CSS)
0
0 : Transmit disabled
1 : Transmit enabled
0 : Receive disabled
1 : Receive enabled
Transmit interrupt
source selection bit (TIC)
Transmit enable bit (TE)
Receive enable bit (RE)
Serial I/O enable bit
(SIOE)
SRDY output enable bit
(SRDY)
0 : P43 pin operates as ordinary I/O pin
1 : P43 pin operates as SRDY output pin
0 : Interrupt when transmit buffer has emptied
1 : Interrupt when transmit shift operation is
completed
Serial I/O synchronous
clock selection bit (SCS)
• In clock synchronous serial I/O
0 : BRG output divided by 4
1 : External clock input
• In UART
0 : BRG output divided by 16
1 : External clock input divided by 16
Serial I/O mode selection bit
(SIOM)
0 : Clock asynchronous(UART) serial I/O
1 : Clock synchronous serial I/O
0 : Serial I/O disabled
(pins P40 to P43 operate as ordinary I/O pins)
1 : Serial I/O enabled
(pins P40 to P43 operate as serial I/O pins)
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
1
UART control register (UARTCON) [Address : 0FE116]
Nothing is allocated for these bits. These are write disabled bits.
When these bits are read out, the contents are “1”.
✕
✕
✕
UART control register
Character length selection bit
(CHAS)
Parity enable bit
(PARE)
Stop bit length selection bit
(STPS)
Parity selection bit
(PARS)
0 : 8 bits
1 : 7 bits
0 : Parity checking disabled
1 : Parity checking enabled
0 : 1 stop bit
1 : 2 stop bits
0 : Even parity
1 : Odd parity
1
1
0
Nothing is allocated for this bit. This is a write disabled bit.
When this bit is read out, the contents are “0”.
✕



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com