Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 334 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 334 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 330Page - Renesas Technology Corp 38K2 Datasheet HTML 331Page - Renesas Technology Corp 38K2 Datasheet HTML 332Page - Renesas Technology Corp 38K2 Datasheet HTML 333Page - Renesas Technology Corp 38K2 Datasheet HTML 334Page - Renesas Technology Corp 38K2 Datasheet HTML 335Page - Renesas Technology Corp 38K2 Datasheet HTML 336Page - Renesas Technology Corp 38K2 Datasheet HTML 337Page - Renesas Technology Corp 38K2 Datasheet HTML 338Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 358 page
background image
3.4 List of registers
Rev.2.00
Oct 15, 2006
page 73 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
b7 b6 b5 b4 b3 b2 b1 b0
RW
0
0
2
0
3
0
4
0
5
0
6
0
7
0
1
0
USB bus reset
interrupt request bit
Interrupt request register 1 (IREQ1)
[Address : 3C16]
B
Function
At reset
Name
Interrupt request register 1
USB SOF interrupt
request bit
USB device interrupt
request bit
EXB interrupt
request bit
INT0 interrupt
request bit
Timer X interrupt
request bit
Timer 1 interrupt
request bit
Timer 2 interrupt
request bit
0 : No interrupt request issued
1 : Interrupt request issued
✽ “0” can be set by software, but “1” cannot be set.
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
✽
✽
✽
✽
✽
✽
✽
✽
b7 b6 b5 b4 b3 b2 b1 b0
RW
0
0
2
0
3
0
4
0
5
0
6
0
7
0
1
0
INT1 interrupt
request bit
Interrupt request register 2 (IREQ2)
[Address : 3D16]
B
Function
At reset
Name
Interrupt request register 2
USB HUB interrupt
request bit
Serial I/O receive
interrupt request bit
Serial I/O transmit
interrupt request bit
CNTR0 interrupt
request bit
Key-on wake-up
interrupt request bit
A/D conversion
interrupt request bit
0 : No interrupt request issued
1 : Interrupt request issued
✽ “0” can be set by software, but “1” cannot be set.
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
✽
✽
✽
✽
✽
✽
✽
Nothing is arranged for this bits. This is a write disabled bit.
When this bit is read out, the contents are “0”.
Fig. 3.4.84 Structure of Interrupt request register 2
Fig. 3.4.83 Structure of Interrupt request register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com