Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 332 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 328Page - Renesas Technology Corp 38K2 Datasheet HTML 329Page - Renesas Technology Corp 38K2 Datasheet HTML 330Page - Renesas Technology Corp 38K2 Datasheet HTML 331Page - Renesas Technology Corp 38K2 Datasheet HTML 332Page - Renesas Technology Corp 38K2 Datasheet HTML 333Page - Renesas Technology Corp 38K2 Datasheet HTML 334Page - Renesas Technology Corp 38K2 Datasheet HTML 335Page - Renesas Technology Corp 38K2 Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 358 page
background image
3.4 List of registers
Rev.2.00
Oct 15, 2006
page 71 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
Fig. 3.4.79 Structure of AD conversion register 1
Fig. 3.4.80 Structure of AD conversion register 2
AD conversion register 1
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
?
?
?
?
?
?
?
?
AD conversion register 1 (AD1) [Address : 3716]
The read-only register in which the A/D conversion’s results are
stored.
✕
✕
✕
✕
✕
✕
✕
✕
< 8-bit read>
b7
b8 b7 b6 b5 b4 b3
b0
b2
b9
< 10-bit read>
b7
b6 b5 b4 b3 b2 b1
b0
b0
b7
AD conversion register 2
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
?
?
0
0
0
0
0
0
The read-only register in which the A/D conversion’s results are
stored.
✕
✕
✕
✕
✕
✕
✕
< 10-bit read>
b7
b9
b0
b8
Nothing is allocated for these bits. These are write disabled bits.
When these bits are read out, the contents are “0”.
AD conversion register 2 (AD2) [Address : 38
]
16
Fix this bit to “0”.
0
0
✕



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com