Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 328 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 328 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 324Page - Renesas Technology Corp 38K2 Datasheet HTML 325Page - Renesas Technology Corp 38K2 Datasheet HTML 326Page - Renesas Technology Corp 38K2 Datasheet HTML 327Page - Renesas Technology Corp 38K2 Datasheet HTML 328Page - Renesas Technology Corp 38K2 Datasheet HTML 329Page - Renesas Technology Corp 38K2 Datasheet HTML 330Page - Renesas Technology Corp 38K2 Datasheet HTML 331Page - Renesas Technology Corp 38K2 Datasheet HTML 332Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 358 page
background image
3.4 List of registers
Rev.2.00
Oct 15, 2006
page 67 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
b7
b0
LOW_WIN
[7:0]
In-
definite
In-
definite
Register window 1 (EXBREG1) [address 003416]
Bit name
Bit symbol
At reset
Function
H/W
S/W
OO
–
The accessible register, using this register window,
depends on the EXB index register contents as
follows:
Index value
“0016”
: External I/O configuration register
“0116”
: Transmit/Receive buffer register
“0216”
: Memory channel operation mode register
“0316”
: Memory address counter
“0416”
: End address register
W
R
Fig. 3.4.68 Structure of Register window 1
b7
b0
EXB_CTR
INT_CTR
[2:0]
A1_CTR
b7:b5
Index = 0016 : External I/O configuration register (EXBCFGL) [address 003416]
0
0
0
–
–
–
–
–
000
Bit name
Bit symbol
At reset
Function
H/W
S/W
0 : Port
1 : EXB function pin
Selects a signal of P33/ExINT pin.
ON/OFF is programmed by each bit. An output logical
sum of P33/ExINT pins set for ON are performed and it
is output as an “L” active signal.
b3b2b1
0 0 1 : RxB_RDY (RxBuf ready) output
0 1 0 : TxB_RDY (TxBuf ready) output
1 0 0 : Mch_req (Memory channel request) output
Others : Do not set.
0 : Port
1 : A1 input (used to read status)
Write “0” when writing.
“0” is read when reading.
EXB pin control bit
(Pins P10 to P17, P30 to P34)
P33/ExINT pin control bit
P43/ExA1 pin control bit
Not used
O
O
O
O
O
O
O
O
–: State remaining
W
R
Fig. 3.4.69 Index00[low]; Structure of External I/O configuration register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com