Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 329 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 329 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 325Page - Renesas Technology Corp 38K2 Datasheet HTML 326Page - Renesas Technology Corp 38K2 Datasheet HTML 327Page - Renesas Technology Corp 38K2 Datasheet HTML 328Page - Renesas Technology Corp 38K2 Datasheet HTML 329Page - Renesas Technology Corp 38K2 Datasheet HTML 330Page - Renesas Technology Corp 38K2 Datasheet HTML 331Page - Renesas Technology Corp 38K2 Datasheet HTML 332Page - Renesas Technology Corp 38K2 Datasheet HTML 333Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 358 page
background image
3.4 List of registers
Rev.2.00
Oct 15, 2006
page 68 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
b7
b0
–
RXBUF/
TXBUF
–
0
Index =0116 : Transmit/Receive buffer register (RXBUF/TXBUF) [address 003416]
Bit name
Bit symbol
At reset
Function
H/W
S/W
OO
The data received from an external bus is written here
at the rise timing of external write signal.
The data transmitted to an external bus is written here
at the timing of internal CPU write or memory write.
The receive buffer register (RXBUF) contents can be read out by reading to this address with the CPU. The data which the
CPU has written to this address is stored in the transmit buffer register (TXBUF).
However, do not perform write operation with the CPU to this address if the memory channel direction control bits of
memory channel operation mode register is “102” (transmit mode) and the memory channel status bits of EXB interrupt
source register are “012” or “102” (memory channel being operating).
W
R
Fig. 3.4.70 Index01[low]; Structure of Transmit/Receive buffer register
b7
b0
MC_DIR
[1:0]
BURST
b7:b3
–
–
–
0
0
–
Index =0216 : Memory channel operation mode register (MCHMOD) [address 003416]
00000
Bit name
Bit symbol
At reset
Function
H/W
S/W
b1b0
0 0 : Operation disabled
0 1 : Receive mode
1 0 : Transmit mode
1 1 : Do not set.
0 : Cycle mode (each byte transfer according to
assertion or negation)
1 : Burst mode (continuous transfer till the terminal
count)
Write “0” when writing.
“0” is read when reading.
O
O
O
O
O
O
–: State remaining
Memory channel direction
control bit
Burst bit
Not used
W
R
Fig. 3.4.71 Index02[low]; Structure of Memory channel operation mode register
b7
b0
IM_A
[7:0]
–
0
Index = 0316 : Memory address counter (MEMADL) [address 003416]
Bit name
Bit symbol
At reset
Function
H/W
S/W
OO
–
Register to set the low-order address of memory
channel operation beginning.
This contents are increased each time one memory
access ends.
W
R
Fig. 3.4.72 Index03[low]; Structure of Memory address counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com