Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 331 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 331 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 327Page - Renesas Technology Corp 38K2 Datasheet HTML 328Page - Renesas Technology Corp 38K2 Datasheet HTML 329Page - Renesas Technology Corp 38K2 Datasheet HTML 330Page - Renesas Technology Corp 38K2 Datasheet HTML 331Page - Renesas Technology Corp 38K2 Datasheet HTML 332Page - Renesas Technology Corp 38K2 Datasheet HTML 333Page - Renesas Technology Corp 38K2 Datasheet HTML 334Page - Renesas Technology Corp 38K2 Datasheet HTML 335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 358 page
background image
3.4 List of registers
Rev.2.00
Oct 15, 2006
page 70 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
b7
b0
IM_A
[10:8]
b7:b3
–
–
0
–
Index = 0316 : Memory address counter (MEMADH) [address 003516]
00000
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
–: State remaining
–
Not used
Register to set the high-order address of memory
channel operation start.
This contents are increased each time one memory
access ends.
Write “0” when writing.
“0” is read when reading.
W
R
Fig. 3.4.76 Index03[high]; Structure of Memory address counter
b7
b0
END_A
[10:8]
b7:b3
–
–
0
–
Index = 0416 : End address register (ENDADH) [address 003516]
00000
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
–: State remaining
–
Not used
Register to set the high-order address of memory
channel operation end.
Write “0” when writing.
“0” is read when reading.
W
R
Fig. 3.4.77 Index04[high]; Structure of End address register
Fig. 3.4.78 Structure of AD control register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
1
AD control register (ADCON) [Address : 3616 ]
AD control register
0
0 0 0 : P10/DQ0/AN0
0 0 1 : P11/DQ1/AN1
0 1 0 : P12/DQ2/AN2
0 1 1 : P13/DQ3/AN3
1 0 0 : P14/DQ4/AN4
1 0 1 : P15/DQ5/AN5
1 1 0 : P16/DQ6/AN6
1 1 1 : P17/DQ7/AN7
Analog input pin selection bits b2 b1 b0
AD conversion completion bit
0 : Conversion in progress
1 : Conversion completed
Nothing is arranged for these bits. These are write disabled bits.
When these bits are read out, the contents are indefinite.
?
?
?
?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com