Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 327 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 323Page - Renesas Technology Corp 38K2 Datasheet HTML 324Page - Renesas Technology Corp 38K2 Datasheet HTML 325Page - Renesas Technology Corp 38K2 Datasheet HTML 326Page - Renesas Technology Corp 38K2 Datasheet HTML 327Page - Renesas Technology Corp 38K2 Datasheet HTML 328Page - Renesas Technology Corp 38K2 Datasheet HTML 329Page - Renesas Technology Corp 38K2 Datasheet HTML 330Page - Renesas Technology Corp 38K2 Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 358 page
background image
3.4 List of registers
Rev.2.00
Oct 15, 2006
page 66 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
b7
b0
RXB_FULL
TXB_EMPTY
MC_STS
[1:0]
(Note 2)
b7:b4
000
0
0
0
0
–
0
(Note 3)
0
(Note 4)
0
–
EXB interrupt source register (EXBIREQ) [address 003116] (Note 1)
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
–
–
–
O
–: State remaining
Receive buffer full bit
Transmit buffer empty bit
Memory channel status bits
Not used
0 : Receive buffer empty
1 : Receive buffer full
0 : Transmit buffer full
1 : Transmit buffer empty
b3b2
0 0 : Memory channel operation stopped
0 1 : Memory channel being operating;
No external access
1 0 : Memory channel being operating;
External accessing
1 1 : Memory channel operation end; Memory
channel operation end interrupt generated
Write “0” when writing.
“0” is read when reading.
Notes 1: When the the ExA1 pin control bit of external I/O configuration register is “1”, the external MCU bus can read this
register contents by setting the ExA1 pin to “H”.
2: The memory channel status bits indicate the status of memory channel. In MC_ENB = “0” these bits are always
“002”. When the memory channel operation ends, these bits are set to “112” and the memory channel operation
end interrupt is generated.
These bits can be read out during operation, so that it will show that whether the external MCU bus is accessing
or not.
3: This bit is cleared to “0” when reading the transmit/receive buffer register in the CPU channel receive enable bit =
“1” or when the CPU channel receive enable bit is “0”.
4: This bit is cleared to “0” when writing to the transmit/receive buffer register in the CPU channel transmit enable bit
= “1” or when the CPU channel transmit enable bit is “0”.
W
R
Fig. 3.4.66 Structure of EXB interrupt source register
b7
b0
INDEX
[2:0]
b7:b3
–
–
0
–
EXB index register (EXBINDEX) [address 003316]
000
0
0
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
Index bits
Not used
The accessible register, using the register window,
depends on these index bits contents as follows:
b2b1b0
0 0 0 : External I/O configuration register
0 0 1 : Transmit/Receive buffer register
0 1 0 : Memory channel operation mode register
0 1 1 : Memory address counter
1 0 0 : End address register
1 0 1 : Do not set.
1 1 0 : Do not set.
1 1 1 : Do not set.
Write “0” when writing.
“0” is read when reading.
–: State remaining
W
R
Fig. 3.4.67 Structure of EXB index register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com