Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 425 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 425 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 421Page - Renesas Technology Corp HD6432148SW Datasheet HTML 422Page - Renesas Technology Corp HD6432148SW Datasheet HTML 423Page - Renesas Technology Corp HD6432148SW Datasheet HTML 424Page - Renesas Technology Corp HD6432148SW Datasheet HTML 425Page - Renesas Technology Corp HD6432148SW Datasheet HTML 426Page - Renesas Technology Corp HD6432148SW Datasheet HTML 427Page - Renesas Technology Corp HD6432148SW Datasheet HTML 428Page - Renesas Technology Corp HD6432148SW Datasheet HTML 429Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 1177 page
background image
Section 13 Timer Connection
Rev. 4.00 Sep 27, 2006 page 381 of 1130
REJ09B0327-0400
Bits 7 and 6—Input Synchronization Mode Select 1 and 0 (SIMOD1, SIMOD0): These bits
select the signal source of the IHI and IVI signals.
Bit 7
Bit 6
Description
SIMOD1
SIMOD0
Mode
IHI Signal
IVI Signal
0
0
No signal
(Initial value)
HFBACKI input
VFBACKI input
1
S-on-G mode
CSYNCI input
PDC input
1
0
Composite mode
HSYNCI input
PDC input
1
Separate mode
HSYNCI input
VSYNCI input
Bit 5—Synchronization Signal Connection Enable (SCONE): Selects the signal source of the
FRT FTI input and the TMR1 TMCI1/TMRI1 input.
Bit 5
Description
SCONE
Mode
FTIA
FTIB
FTIC
FTID
TMCI1 TMRI1
0
Normal connection (Initial value)
FTIA
input
FTIB
input
FTIC
input
FTID
input
TMCI1
input
TMRI1
input
1
Synchronization signal
connection mode
IVI
signal
TMO1
signal
VFBACKI
input
IHI
signal
IHI
signal
IVI
inverse
signal
Bit 4—Input Capture Start Bit (ICST): The TMRX external reset input (TMRIX) is connected
to the IHI signal. TMRX has input capture registers (TICR, TICRR, and TICRF). TICRR and
TICRF can measure the width of a short pulse by means of a single capture operation under the
control of the ICST bit. When a rising edge followed by a falling edge is detected on TMRIX after
the ICST bit is set to 1, the contents of TCNT at those points are captured into TICRR and TICRF,
respectively, and the ICST bit is cleared to 0.
Bit 4
ICST
Description
0
The TICRR and TICRF input capture functions are stopped
(Initial value)
[Clearing condition]
When a rising edge followed by a falling edge is detected on TMRIX
1
The TICRR and TICRF input capture functions are operating
(Waiting for detection of a rising edge followed by a falling edge on TMRIX)
[Setting condition]
When 1 is written in ICST after reading ICST = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com