Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 428 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 428 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 424Page - Renesas Technology Corp HD6432148SW Datasheet HTML 425Page - Renesas Technology Corp HD6432148SW Datasheet HTML 426Page - Renesas Technology Corp HD6432148SW Datasheet HTML 427Page - Renesas Technology Corp HD6432148SW Datasheet HTML 428Page - Renesas Technology Corp HD6432148SW Datasheet HTML 429Page - Renesas Technology Corp HD6432148SW Datasheet HTML 430Page - Renesas Technology Corp HD6432148SW Datasheet HTML 431Page - Renesas Technology Corp HD6432148SW Datasheet HTML 432Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 1177 page
background image
Section 13 Timer Connection
Rev. 4.00 Sep 27, 2006 page 384 of 1130
REJ09B0327-0400
Bit 5
CLOE
Description
0
The P64/FTIC/
KIN4/CIN4/CLAMPO pin functions as the
P64/FTIC/
KIN4/CIN4 pin
(Initial value)
1
The P64/FTIC/
KIN4/CIN4/CLAMPO pin functions as the CLAMPO pin
Bit 4
CBOE
Description
0
The P27/A15/PW15/CBLANK pin functions as the P27/A15/PW15 pin
(Initial value)
1
In mode 1 (expanded mode with on-chip ROM disabled):
The P27/A15/PW15/CBLANK pin functions as the A15 pin
In modes 2 and 3 (modes with on-chip ROM enabled):
The P27/A15/PW15/CBLANK pin functions as the CBLANK pin
Bits 3 to 0—Output Synchronization Signal Inversion (HOINV, VOINV, CLOINV,
CBOINV): These bits select inversion of the output phase of the horizontal synchronization signal
(HSYNCO), the vertical synchronization signal (VSYNCO), the clamp waveform (CLAMPO),
and the blank waveform (CBLANK).
Bit 3
HOINV
Description
0
The IHO signal is used directly as the HSYNCO output
(Initial value)
1
The IHO signal is inverted before use as the HSYNCO output
Bit 2
VOINV
Description
0
The IVO signal is used directly as the VSYNCO output
(Initial value)
1
The IVO signal is inverted before use as the VSYNCO output
Bit 1
CLOINV
Description
0
The CLO signal (CL1, CL2, CL3, or CL4 signal) is used directly as the
CLAMPO output
(Initial value)
1
The CLO signal (CL1, CL2, CL3, or CL4 signal) is inverted before use as
the CLAMPO output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com