Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 427 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 427 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 423Page - Renesas Technology Corp HD6432148SW Datasheet HTML 424Page - Renesas Technology Corp HD6432148SW Datasheet HTML 425Page - Renesas Technology Corp HD6432148SW Datasheet HTML 426Page - Renesas Technology Corp HD6432148SW Datasheet HTML 427Page - Renesas Technology Corp HD6432148SW Datasheet HTML 428Page - Renesas Technology Corp HD6432148SW Datasheet HTML 429Page - Renesas Technology Corp HD6432148SW Datasheet HTML 430Page - Renesas Technology Corp HD6432148SW Datasheet HTML 431Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 427 / 1177 page
background image
Section 13 Timer Connection
Rev. 4.00 Sep 27, 2006 page 383 of 1130
REJ09B0327-0400
13.2.2
Timer Connection Register O (TCONRO)
Bit
Initial value
Read/Write
7
HOE
0
R/W
6
VOE
0
R/W
5
CLOE
0
R/W
4
CBOE
0
R/W
3
HOINV
0
R/W
0
CBOINV
0
R/W
2
VOINV
0
R/W
1
CLOINV
0
R/W
TCONRO is an 8-bit readable/writable register that controls output signal output, phase inversion,
etc.
TCONRO is initialized to H'00 by a reset and in hardware standby mode.
Bits 7 and 4—Output Enable (HOE, VOE, CLOE, CBOE): These bits control
enabling/disabling of horizontal synchronization signal (HSYNCO), vertical synchronization
signal (VSYNCO), clamp waveform (CLAMPO), and blanking waveform (CBLANK) output.
When output is disabled, the state of the relevant pin is determined by the port DR and DDR, FRT,
TMR, and PWM settings.
Output enabling/disabling control does not affect the port, FRT, or TMR input functions, but some
FRT and TMR input signal sources are determined by the SCONE bit in TCONRI.
Bit 7
HOE
Description
0
The P44/TMO1/HIRQ1/HSYNCO pin functions as the P44/TMO1/
HIRQ1 pin
(Initial value)
1
The P44/TMO1/HIRQ1/HSYNCO pin functions as the HSYNCO pin
Bit 6
VOE
Description
0
The P61/FTOA/
KIN1/CIN1/VSYNCO pin functions as the P61/FTOA/
KIN1/CIN1 pin
(Initial value)
1
The P61/FTOA/
KIN1/CIN1/VSYNCO pin functions as the VSYNCO pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com