Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 426 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 426 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 422Page - Renesas Technology Corp HD6432148SW Datasheet HTML 423Page - Renesas Technology Corp HD6432148SW Datasheet HTML 424Page - Renesas Technology Corp HD6432148SW Datasheet HTML 425Page - Renesas Technology Corp HD6432148SW Datasheet HTML 426Page - Renesas Technology Corp HD6432148SW Datasheet HTML 427Page - Renesas Technology Corp HD6432148SW Datasheet HTML 428Page - Renesas Technology Corp HD6432148SW Datasheet HTML 429Page - Renesas Technology Corp HD6432148SW Datasheet HTML 430Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 1177 page
background image
Section 13 Timer Connection
Rev. 4.00 Sep 27, 2006 page 382 of 1130
REJ09B0327-0400
Bits 3 to 0—Input Synchronization Signal Inversion (HFINV, VFINV, HIINV, VIINV):
These bits select inversion of the input phase of the spare horizontal synchronization signal
(HFBACKI), the spare vertical synchronization signal (VFBACKI), the horizontal
synchronization signal and composite synchronization signal (HSYNCI, CSYNCI), and the
vertical synchronization signal (VSYNCI).
Bit 3
HFINV
Description
0
The HFBACKI pin state is used directly as the HFBACKI input
(Initial value)
1
The HFBACKI pin state is inverted before use as the HFBACKI input
Bit 2
VFINV
Description
0
The VFBACKI pin state is used directly as the VFBACKI input
(Initial value)
1
The VFBACKI pin state is inverted before use as the VFBACKI input
Bit 1
HIINV
Description
0
The HSYNCI and CSYNCI pin states are used directly as the HSYNCI
and CSYNCI inputs
(Initial value)
1
The HSYNCI and CSYNCI pin states are inverted before use as the HSYNCI and
CSYNCI inputs
Bit 0
VIINV
Description
0
The VSYNCI pin state is used directly as the VSYNCI input
(Initial value)
1
The VSYNCI pin state is inverted before use as the VSYNCI input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com