Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 430 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 430 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 426Page - Renesas Technology Corp HD6432148SW Datasheet HTML 427Page - Renesas Technology Corp HD6432148SW Datasheet HTML 428Page - Renesas Technology Corp HD6432148SW Datasheet HTML 429Page - Renesas Technology Corp HD6432148SW Datasheet HTML 430Page - Renesas Technology Corp HD6432148SW Datasheet HTML 431Page - Renesas Technology Corp HD6432148SW Datasheet HTML 432Page - Renesas Technology Corp HD6432148SW Datasheet HTML 433Page - Renesas Technology Corp HD6432148SW Datasheet HTML 434Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 1177 page
background image
Section 13 Timer Connection
Rev. 4.00 Sep 27, 2006 page 386 of 1130
REJ09B0327-0400
Bits 5 and 4—Horizontal Synchronization Output Mode Select 1 and 0 (HOMOD1,
HOMOD0): These bits select the signal source and generation method for the IHO signal.
Bit 6
Bit 5
Bit 4
ISGENE
HOMOD1
HOMOD0
Description
0
0
0
The IHI signal (without 2fH modification) is selected
(Initial value)
1
The IHI signal (with 2fH modification) is selected
1
0
The CL1 signal is selected
1
1
0
0
The IHG signal is selected
1
10
1
Bits 3 and 2—Vertical Synchronization Output Mode Select 1 and 0 (VOMOD1, VOMOD0):
These bits select the signal source and generation method for the IVO signal.
Bit 6
Bit 3
Bit 2
ISGENE
VOMOD1
VOMOD0
Description
0
0
0
The IVI signal (without fall modification or
IHI synchronization) is selected
(Initial value)
1
The IVI signal (without fall modification, with IHI
synchronization) is selected
1
0
The IVI signal (with fall modification, without IHI
synchronization) is selected
1
The IVI signal (with fall modification and IHI
synchronization) is selected
1
0
0
The IVG signal is selected
1
10
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com