Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 431 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 431 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 427Page - Renesas Technology Corp HD6432148SW Datasheet HTML 428Page - Renesas Technology Corp HD6432148SW Datasheet HTML 429Page - Renesas Technology Corp HD6432148SW Datasheet HTML 430Page - Renesas Technology Corp HD6432148SW Datasheet HTML 431Page - Renesas Technology Corp HD6432148SW Datasheet HTML 432Page - Renesas Technology Corp HD6432148SW Datasheet HTML 433Page - Renesas Technology Corp HD6432148SW Datasheet HTML 434Page - Renesas Technology Corp HD6432148SW Datasheet HTML 435Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 1177 page
background image
Section 13 Timer Connection
Rev. 4.00 Sep 27, 2006 page 387 of 1130
REJ09B0327-0400
Bits 1 and 0—Clamp Waveform Mode Select 1 and 0 (CLMOD1, CLMOD0): These bits
select the signal source for the CLO signal (clamp waveform).
Bit 6
Bit 1
Bit 0
ISGENE
CLMOD1
CLMOD2
Description
0
0
0
The CL1 signal is selected
(Initial value)
1
The CL2 signal is selected
1
0
The CL3 signal is selected
1
1
0
0
The CL4 signal is selected
1
10
1
13.2.4
Edge Sense Register (SEDGR)
Bit
Initial value
Read/Write
Notes: 1. Only 0 can be written, to clear the flags.
2. The initial value is undefined since it depends on the pin states.
7
VEDG
0
R/(W)
6
HEDG
0
R/(W)
5
CEDG
0
R/(W)
4
HFEDG
0
R/(W)
3
VFEDG
0
R/(W)
0
IVI
—*2
R
2
PREQF
0
R/(W)
1
IHI
—*2
R
*1
*1
*1
*1
*1
*1
SEDGR is an 8-bit readable/writable register used to detect a rising edge on the timer connection
input pins and the occurrence of 2fH modification, and to determine the phase of the IVI and IHI
signals.
The upper 6 bits of SEDGR are initialized to 0 by a reset and in hardware standby mode. The
initial value of the lower 2 bits is undefined, since it depends on the pin states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com