Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 440 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 440 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 436Page - Renesas Technology Corp HD6432147SW Datasheet HTML 437Page - Renesas Technology Corp HD6432147SW Datasheet HTML 438Page - Renesas Technology Corp HD6432147SW Datasheet HTML 439Page - Renesas Technology Corp HD6432147SW Datasheet HTML 440Page - Renesas Technology Corp HD6432147SW Datasheet HTML 441Page - Renesas Technology Corp HD6432147SW Datasheet HTML 442Page - Renesas Technology Corp HD6432147SW Datasheet HTML 443Page - Renesas Technology Corp HD6432147SW Datasheet HTML 444Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 440 / 1177 page
background image
Section 13 Timer Connection
Rev. 4.00 Sep 27, 2006 page 396 of 1130
REJ09B0327-0400
IVI signal
IHI signal
divided
waveform
FRC
ICRB
ICRB(1)
ICRB(2)
ICRB(3)
ICRB(4)
Figure 13.5 Timing Chart for Measurement of IVI Signal and
IHI Signal Divided Waveform Periods
13.3.4
IHI Signal and 2fH Modification
By using the timer connection FRT, even if there is a part of the IHI signal with twice the
frequency, this can be eliminated. In order for this function to operate properly, the duty cycle of
the IHI signal must be approximately 30% or less, or approximately 70% or above.
The 8-bit OCRDM contents or twice the OCRDM contents can be added automatically to the data
captured in ICRD in the FRT, and compare-matches generated at these points. The interval
between the two compare-matches is called a mask interval. A value equivalent to approximately
1/3 the IHI signal period is written in OCRDM. ICRD is set so that capture is performed on the
rise of the IHI signal.
Since the IHI signal supplied to the IHO signal selection circuit is normally set on the rise of the
IHI signal and reset on the fall, its waveform is the same as that of the original IHI signal. When
2fH modification is selected, IHI signal edge detection is disabled during mask intervals. Capture
is also disabled during these intervals.
Examples of FRT TCR settings are shown in table 13.6, and the 2fH modification timing chart is
shown in figure 13.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com