Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 441 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 441 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 437Page - Renesas Technology Corp HD6432147SW Datasheet HTML 438Page - Renesas Technology Corp HD6432147SW Datasheet HTML 439Page - Renesas Technology Corp HD6432147SW Datasheet HTML 440Page - Renesas Technology Corp HD6432147SW Datasheet HTML 441Page - Renesas Technology Corp HD6432147SW Datasheet HTML 442Page - Renesas Technology Corp HD6432147SW Datasheet HTML 443Page - Renesas Technology Corp HD6432147SW Datasheet HTML 444Page - Renesas Technology Corp HD6432147SW Datasheet HTML 445Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 1177 page
background image
Section 13 Timer Connection
Rev. 4.00 Sep 27, 2006 page 397 of 1130
REJ09B0327-0400
Table 13.6
Examples of TCR, TCSR, TCOR, and OCRDM Settings
Register
Bit(s)
Abbreviation
Contents
Description
TCR in FRT
4
IEDGD
1
FRC value is transferred to ICRD on
the rising edge of input capture input
D (IHI signal)
1 and 0
CKS1, CKS0
01
FRC is incremented on internal clock:
φ/8
TCSR in FRT
0
CCLRA
0
FRC clearing is disabled
TCOR in FRT
7
ICRDMS
1
ICRD is set to the operating mode in
which OCRDM is used
OCRDM in FRT
7 to 0
OCRDM7 to 0
H'01 to H'FF Specifies the period during which
ICRD operation is masked
IHI signal
(without 2fH
modification)
IHI signal
(with 2fH
modification)
Mask interval
ICRD + OCRDM
× 2
ICRD + OCRDM
FRC
ICRD
Figure 13.6 2fH Modification Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com