Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 442 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 442 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 438Page - Renesas Technology Corp HD6432147SW Datasheet HTML 439Page - Renesas Technology Corp HD6432147SW Datasheet HTML 440Page - Renesas Technology Corp HD6432147SW Datasheet HTML 441Page - Renesas Technology Corp HD6432147SW Datasheet HTML 442Page - Renesas Technology Corp HD6432147SW Datasheet HTML 443Page - Renesas Technology Corp HD6432147SW Datasheet HTML 444Page - Renesas Technology Corp HD6432147SW Datasheet HTML 445Page - Renesas Technology Corp HD6432147SW Datasheet HTML 446Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 1177 page
background image
Section 13 Timer Connection
Rev. 4.00 Sep 27, 2006 page 398 of 1130
REJ09B0327-0400
13.3.5
IVI Signal Fall Modification and IHI Synchronization
By using the timer connection TMR1, the fall of the IVI signal can be shifted backward by the
specified number of IHI signal waveforms. Also, the fall of the IVI signal can be synchronized
with the rise of the IHI signal.
To perform 8-bit timer divided waveform period measurement, TCNT in TMR1 is set to count
external clock (IHI signal) pulses, and to be cleared on the rising edge of the external reset signal
(inverse of the IVI signal). The number of IHI signal pulses until the fall of the IVI signal is
written in TCORB.
Since the IVI signal supplied to the IVO signal selection circuit is normally set on the rise of the
IVI signal and reset on the fall, its waveform is the same as that of the original IVI signal. When
fall modification is selected, a reset is performed on a TMR1 TCORB compare-match.
The fall of the waveform generated in this way can be synchronized with the rise of the IHI signal,
regardless of whether or not fall modification is selected.
Examples of TMR1 TCORB, TCR, and TCSR settings are shown in table 13.7, and the fall
modification/IHI synchronization timing chart is shown in figure 13.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com