Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 444 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 444 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 440Page - Renesas Technology Corp HD6432147SW Datasheet HTML 441Page - Renesas Technology Corp HD6432147SW Datasheet HTML 442Page - Renesas Technology Corp HD6432147SW Datasheet HTML 443Page - Renesas Technology Corp HD6432147SW Datasheet HTML 444Page - Renesas Technology Corp HD6432147SW Datasheet HTML 445Page - Renesas Technology Corp HD6432147SW Datasheet HTML 446Page - Renesas Technology Corp HD6432147SW Datasheet HTML 447Page - Renesas Technology Corp HD6432147SW Datasheet HTML 448Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 444 / 1177 page
background image
Section 13 Timer Connection
Rev. 4.00 Sep 27, 2006 page 400 of 1130
REJ09B0327-0400
13.3.6
Internal Synchronization Signal Generation (IHG/IVG/CL4 Signal Generation)
By using the timer connection FRT and TMRY, it is possible to automatically generate internal
signals (IHG and IVG signals) corresponding to the IHI and IVI signals. As the IHG signal is
synchronized with the rise of the IVG signal, the IHG signal period must be made a divisor of the
IVG signal period in order to keep it constant. In addition, the CL4 signal can be generated in
synchronization with the IHG signal.
The contents of OCRA in the FRT are updated by the automatic addition of the contents of
OCRAR or OCRAF, alternately, each time a compare-match occurs. A value corresponding to the
0 interval of the IVG signal is written in OCRAR, and a value corresponding to the 1 interval of
the IVG signal is written in OCRAF. The IVG signal is set by a compare-match after an OCRAR
addition, and reset by a compare-match after an OCRAF addition.
The IHG signal is the TMRY 8-bit timer output. TMRY is set to count internal clock pulses, and
to be cleared on TCORA compare-match, to fix the period and set the timer output. TCORB is set
so as to reset the timer output. The IVG signal is connected as the TMRY reset input (TMRI), and
the rise of the IVG signal can be treated in the same way as a TCORA compare-match.
The CL4 signal is a waveform that rises within one system clock period after the fall of the IHG
signal, and has a 1 interval of 6 system clock periods.
Examples of settings of TCORA, TCORB, TCR, and TCSR in TMRY, and OCRAR, OCRAF,
and TCR in the FRT, are shown in table 13.8, and the IHG signal/IVG signal timing chart is
shown in figure 13.8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com