Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 471 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 471 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 467Page - Renesas Technology Corp HD6432147SW Datasheet HTML 468Page - Renesas Technology Corp HD6432147SW Datasheet HTML 469Page - Renesas Technology Corp HD6432147SW Datasheet HTML 470Page - Renesas Technology Corp HD6432147SW Datasheet HTML 471Page - Renesas Technology Corp HD6432147SW Datasheet HTML 472Page - Renesas Technology Corp HD6432147SW Datasheet HTML 473Page - Renesas Technology Corp HD6432147SW Datasheet HTML 474Page - Renesas Technology Corp HD6432147SW Datasheet HTML 475Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 471 / 1177 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 4.00 Sep 27, 2006 page 427 of 1130
REJ09B0327-0400
Table 15.2
SCI Registers
Channel
Name
Abbreviation
R/W
Initial Value
Address*
1
0
Serial mode register 0
SMR0
R/W
H'00
H'FFD8*
3
Bit rate register 0
BRR0
R/W
H'FF
H'FFD9*
3
Serial control register 0
SCR0
R/W
H'00
H'FFDA
Transmit data register 0
TDR0
R/W
H'FF
H'FFDB
Serial status register 0
SSR0
R/(W)*
2
H'84
H'FFDC
Receive data register 0
RDR0
R
H'00
H'FFDD
Serial interface mode register 0
SCMR0
R/W
H'F2
H'FFDE*
3
1
Serial mode register 1
SMR1
R/W
H'00
H'FF88*
3
Bit rate register 1
BRR1
R/W
H'FF
H'FF89*
3
Serial control register 1
SCR1
R/W
H'00
H'FF8A
Transmit data register 1
TDR1
R/W
H'FF
H'FF8B
Serial status register 1
SSR1
R/(W)*
2
H'84
H'FF8C
Receive data register 1
RDR1
R
H'00
H'FF8D
Serial interface mode register 1
SCMR1
R/W
H'F2
H'FF8E*
3
2
Serial mode register 2
SMR2
R/W
H'00
H'FFA0*
3
Bit rate register 2
BRR2
R/W
H'FF
H'FFA1*
3
Serial control register 2
SCR2
R/W
H'00
H'FFA2
Transmit data register 2
TDR2
R/W
H'FF
H'FFA3
Serial status register 2
SSR2
R/(W)*
2
H'84
H'FFA4
Receive data register 2
RDR2
R
H'00
H'FFA5
Serial interface mode register 2
SCMR2
R/W
H'F2
H'FFA6*
3
Keyboard comparator control
register
KBCOMP
R/W
H'00
H'FEE4
Common
Module stop control register
MSTPCRH
R/W
H'3F
H'FF86
MSTPCRL
R/W
H'FF
H'FF87
Notes: 1. Lower 16 bits of the address.
2. Only 0 can be written, to clear flags.
3. Some serial communication interface registers are assigned to the same addresses as
other registers. In this case, register selection is performed by the IICE bit in the serial
timer control register (STCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com