Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 474 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 474 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 470Page - Renesas Technology Corp HD6432147SW Datasheet HTML 471Page - Renesas Technology Corp HD6432147SW Datasheet HTML 472Page - Renesas Technology Corp HD6432147SW Datasheet HTML 473Page - Renesas Technology Corp HD6432147SW Datasheet HTML 474Page - Renesas Technology Corp HD6432147SW Datasheet HTML 475Page - Renesas Technology Corp HD6432147SW Datasheet HTML 476Page - Renesas Technology Corp HD6432147SW Datasheet HTML 477Page - Renesas Technology Corp HD6432147SW Datasheet HTML 478Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 474 / 1177 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 4.00 Sep 27, 2006 page 430 of 1130
REJ09B0327-0400
15.2.5
Serial Mode Register (SMR)
7
C/
A
0
R/W
6
CHR
0
R/W
5
PE
0
R/W
4
O/
E
0
R/W
3
STOP
0
R/W
0
CKS0
0
R/W
2
MP
0
R/W
1
CKS1
0
R/W
Bit
Initial value
Read/Write
SMR is an 8-bit register used to set the SCI’s serial transfer format and select the baud rate
generator clock source.
SMR can be read or written to by the CPU at all times.
SMR is initialized to H'00 by a reset, and in standby mode, watch mode, subactive mode, subsleep
mode, and module stop mode.
Bit 7—Communication Mode (C/
A
A
A
A): Selects asynchronous mode or synchronous mode as the
SCI operating mode.
Bit 7
C/
A
AA
A
Description
0
Asynchronous mode
(Initial value)
1
Synchronous mode
Bit 6—Character Length (CHR): Selects 7 or 8 bits as the data length in asynchronous mode. In
synchronous mode, a fixed data length of 8 bits is used regardless of the CHR setting.
Bit 6
CHR
Description
0
8-bit data
(Initial value)
1
7-bit data*
Note:
*
When 7-bit data is selected, the MSB (bit 7) of TDR is not transmitted, and LSB-
first/MSB-first selection is not available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com