Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 472 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 472 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 468Page - Renesas Technology Corp HD6432147SW Datasheet HTML 469Page - Renesas Technology Corp HD6432147SW Datasheet HTML 470Page - Renesas Technology Corp HD6432147SW Datasheet HTML 471Page - Renesas Technology Corp HD6432147SW Datasheet HTML 472Page - Renesas Technology Corp HD6432147SW Datasheet HTML 473Page - Renesas Technology Corp HD6432147SW Datasheet HTML 474Page - Renesas Technology Corp HD6432147SW Datasheet HTML 475Page - Renesas Technology Corp HD6432147SW Datasheet HTML 476Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 472 / 1177 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 4.00 Sep 27, 2006 page 428 of 1130
REJ09B0327-0400
15.2
Register Descriptions
15.2.1
Receive Shift Register (RSR)
7
—
6
—
5
—
4
—
3
—
0
—
2
—
1
—
Bit
Read/Write
RSR is a register used to receive serial data.
The SCI sets serial data input from the RxD pin in RSR in the order received, starting with the
LSB (bit 0), and converts it to parallel data. When one byte of data has been received, it is
transferred to RDR automatically.
RSR cannot be directly read or written to by the CPU.
15.2.2
Receive Data Register (RDR)
7
0
R
6
0
R
5
0
R
4
0
R
3
0
R
0
0
R
2
0
R
1
0
R
Bit
Initial value
Read/Write
RDR is a register that stores received serial data.
When the SCI has received one byte of serial data, it transfers the received serial data from RSR to
RDR where it is stored, and completes the receive operation. After this, RSR is receive-enabled.
Since RSR and RDR function as a double buffer in this way, continuous receive operations can be
performed.
RDR is a read-only register, and cannot be written to by the CPU.
RDR is initialized to H'00 by a reset, and in standby mode, watch mode, subactive mode, subsleep
mode, and module stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com