Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 473 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 473 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 469Page - Renesas Technology Corp HD6432147SW Datasheet HTML 470Page - Renesas Technology Corp HD6432147SW Datasheet HTML 471Page - Renesas Technology Corp HD6432147SW Datasheet HTML 472Page - Renesas Technology Corp HD6432147SW Datasheet HTML 473Page - Renesas Technology Corp HD6432147SW Datasheet HTML 474Page - Renesas Technology Corp HD6432147SW Datasheet HTML 475Page - Renesas Technology Corp HD6432147SW Datasheet HTML 476Page - Renesas Technology Corp HD6432147SW Datasheet HTML 477Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 473 / 1177 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 4.00 Sep 27, 2006 page 429 of 1130
REJ09B0327-0400
15.2.3
Transmit Shift Register (TSR)
7
—
6
—
5
—
4
—
3
—
0
—
2
—
1
—
Bit
Read/Write
TSR is a register used to transmit serial data.
To perform serial data transmission, the SCI first transfers transmit data from TDR to TSR, then
sends the data to the TxD pin starting with the LSB (bit 0).
When transmission of one byte is completed, the next transmit data is transferred from TDR to
TSR, and transmission started, automatically. However, data transfer from TDR to TSR is not
performed if the TDRE bit in SSR is set to 1.
TSR cannot be directly read or written to by the CPU.
15.2.4
Transmit Data Register (TDR)
7
1
R/W
6
1
R/W
5
1
R/W
4
1
R/W
3
1
R/W
0
1
R/W
2
1
R/W
1
1
R/W
Bit
Initial value
Read/Write
TDR is an 8-bit register that stores data for serial transmission.
When the SCI detects that TSR is empty, it transfers the transmit data written in TDR to TSR and
starts serial transmission. Continuous serial transmission can be carried out by writing the next
transmit data to TDR during serial transmission of the data in TSR.
TDR can be read or written to by the CPU at all times.
TDR is initialized to H'FF by a reset, and in standby mode, watch mode, subactive mode, subsleep
mode, and module stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com