Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 332 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 328Page - Renesas Technology Corp HD6432607 Datasheet HTML 329Page - Renesas Technology Corp HD6432607 Datasheet HTML 330Page - Renesas Technology Corp HD6432607 Datasheet HTML 331Page - Renesas Technology Corp HD6432607 Datasheet HTML 332Page - Renesas Technology Corp HD6432607 Datasheet HTML 333Page - Renesas Technology Corp HD6432607 Datasheet HTML 334Page - Renesas Technology Corp HD6432607 Datasheet HTML 335Page - Renesas Technology Corp HD6432607 Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 710 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Jan. 29, 2008 Page 292 of 666
REJ09B0427-0100
Phase Counting Mode Application Example: Figure 10.29 shows an example in which channel
1 is in phase counting mode, and channel 1 is coupled with channel 0 to input servo motor 2-phase
encoder pulses in order to detect position or speed.
Channel 1 is set to phase counting mode 1, and the encoder pulse A-phase and B-phase are input
to TCLKA and TCLKB.
Channel 0 operates with TCNT counter clearing by TGRC_0 compare match; TGRA_0 and
TGRC_0 are used for the compare match function and are set with the speed control period and
position control period. TGRB_0 is used for input capture, with TGRB_0 and TGRD_0 operating
in buffer mode. The channel 1 counter input clock is designated as the TGRB_0 input capture
source, and the pulse widths of 2-phase encoder 4-multiplication pulses are detected.
TGRA_1 and TGRB_1 for channel 1 are designated for input capture, and channel 0 TGRA_0 and
TGRC_0 compare matches are selected as the input capture source and store the up/down-counter
values for the control periods.
This procedure enables the accurate detection of position and speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com