Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 328 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 328 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 324Page - Renesas Technology Corp HD6432607 Datasheet HTML 325Page - Renesas Technology Corp HD6432607 Datasheet HTML 326Page - Renesas Technology Corp HD6432607 Datasheet HTML 327Page - Renesas Technology Corp HD6432607 Datasheet HTML 328Page - Renesas Technology Corp HD6432607 Datasheet HTML 329Page - Renesas Technology Corp HD6432607 Datasheet HTML 330Page - Renesas Technology Corp HD6432607 Datasheet HTML 331Page - Renesas Technology Corp HD6432607 Datasheet HTML 332Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 710 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Jan. 29, 2008 Page 288 of 666
REJ09B0427-0100
Examples of Phase Counting Mode Operation: In phase counting mode, TCNT counts up or
down according to the phase difference between two external clocks. There are four modes,
according to the count conditions.
1. Phase counting mode 1
Figure 10.25 shows an example of phase counting mode 1 operation, and table 10.32
summarizes the TCNT up/down-count conditions.
TCNT value
Time
Down-count
Up-count
TCLKA (channels 1 and 5)
TCLKC (channels 2 and 4)
TCLKB (channels 1 and 5)
TCLKD (channels 2 and 4)
Figure 10.25 Example of Phase Counting Mode 1 Operation
Table 10.32 Up/Down-Count Conditions in Phase Counting Mode 1
TCLKA (Channels 1 and 5)
TCLKC (Channels 2 and 4)
TCLKB (Channels 1 and 5)
TCLKD (Channels 2 and 4)
Operation
High level
Up-count
Low level
Low level
High level
High level
Down-count
Low level
High level
Low level
[Legend]
:
Rising edge
:
Falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com