| Electronic Components Datasheet Search |
|
HD6432607 Datasheet(PDF) 327 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432607 Datasheet(HTML) 327 Page - Renesas Technology Corp |
|
327 / 710 page ![]() Section 10 16-Bit Timer Pulse Unit (TPU) Rev. 1.00 Jan. 29, 2008 Page 287 of 666 REJ09B0427-0100 10.4.6 Phase Counting Mode In phase counting mode, the phase difference between two external clock inputs is detected and TCNT is incremented/decremented accordingly. This mode can be set for channels 1, 2, 4, and 5. When phase counting mode is set, an external clock is selected as the counter input clock and TCNT operates as an up/down-counter regardless of the setting of bits TPSC0 to TPSC2 and bits CKEG0 and CKEG1 in TCR. However, the functions of bits CCLR0 and CCLR1 in TCR, and of TIOR, TIER, and TGR, are valid, and input capture/compare match and interrupt functions can be used. This can be used for two-phase encoder pulse input. If overflow occurs when TCNT is counting up, the TCFV flag in TSR is set; if underflow occurs when TCNT is counting down, the TCFU flag is set. The TCFD bit in TSR is the count direction flag. Reading the TCFD flag reveals whether TCNT is counting up or down. Table 10.31 shows the correspondence between external clock pins and channels. Table 10.31 Phase Counting Mode Clock Input Pins External Clock Pins Channels A-Phase B-Phase When channel 1 or 5 is set to phase counting mode TCLKA TCLKB When channel 2 or 4 is set to phase counting mode TCLKC TCLKD Example of Phase Counting Mode Setting Procedure: Figure 10.24 shows an example of the phase counting mode setting procedure. Phase counting mode Select phase counting mode Start count <Phase counting mode> Select phase counting mode with bits MD3 to MD0 in TMDR. Set the CST bit in TSTR to 1 to start the count operation. [1] [2] [1] [2] Figure 10.24 Example of Phase Counting Mode Setting Procedure |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |