Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 382 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 382 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 378Page - Renesas Technology Corp HD6432607 Datasheet HTML 379Page - Renesas Technology Corp HD6432607 Datasheet HTML 380Page - Renesas Technology Corp HD6432607 Datasheet HTML 381Page - Renesas Technology Corp HD6432607 Datasheet HTML 382Page - Renesas Technology Corp HD6432607 Datasheet HTML 383Page - Renesas Technology Corp HD6432607 Datasheet HTML 384Page - Renesas Technology Corp HD6432607 Datasheet HTML 385Page - Renesas Technology Corp HD6432607 Datasheet HTML 386Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 710 page
background image
Section 12 Watchdog Timer (WDT)
Rev. 1.00 Jan. 29, 2008 Page 342 of 666
REJ09B0427-0100
Bit
Bit Name
Initial
Value
R/W
Description
2
1
0
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Clock Select 2 to 0
Selects the clock source to be input to TCNT. The
overflow cycle is the period from which TCNT starts
incrementing at H'00 and until it overflows.
When PSS = 0 (values in parentheses are for
φ = 20
MHz):
000:
φ/2 (cycle: 25.6 µs)
001:
φ/64 (cycle: 819.2 ms)
010:
φ/128 (cycle: 1.6 ms)
011:
φ/512 (cycle: 6.6 ms)
100:
φ/2048 (cycle: 26.2 ms)
101:
φ/8192 (cycle: 104.9 ms)
110:
φ/32768 (cycle: 419.4 ms)
111:
φ/131072 (cycle: 1.68 s)
When PSS = 1 (values in parentheses are for
φSUB =
32.768 kHz):
000:
φSUB/2 (cycle: 15.6 ms)
001:
φSUB/4 (cycle: 31.3 ms)
010:
φSUB/8 (cycle: 62.5 ms)
011:
φSUB/16 (cycle: 125 ms)
100:
φSUB/32 (cycle: 250 ms)
101:
φSUB/64 (cycle: 500 ms)
110:
φSUB/128 (cycle: 1 s)
111:
φSUB/256 (cycle: 2 s)
Note:
*
Only 0 can be written, for flag clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com