Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 385 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 385 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 381Page - Renesas Technology Corp HD6432607 Datasheet HTML 382Page - Renesas Technology Corp HD6432607 Datasheet HTML 383Page - Renesas Technology Corp HD6432607 Datasheet HTML 384Page - Renesas Technology Corp HD6432607 Datasheet HTML 385Page - Renesas Technology Corp HD6432607 Datasheet HTML 386Page - Renesas Technology Corp HD6432607 Datasheet HTML 387Page - Renesas Technology Corp HD6432607 Datasheet HTML 388Page - Renesas Technology Corp HD6432607 Datasheet HTML 389Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 710 page
background image
Section 12 Watchdog Timer (WDT)
Rev. 1.00 Jan. 29, 2008 Page 345 of 666
REJ09B0427-0100
TCNT value
H'00
Time
H'FF
WT/
IT = 1
TME = 1
Write H'00
to TCNT
WT/
IT = 1
TME = 1
Write H'00
to TCNT
518 states
Internal reset signal*
WT/
IT:
TME:
Notes: 1.
2.
After the WOVF bit becomes 1, it is cleared to 0 by an internal reset.
The internal reset signal is generated only if the RSTE bit is set to 1.
Overflow
Internal reset is
generated
WOVF = 1*
Timer mode select bit
Timer enable bit
[Legend]
2
1
Figure 12.3 (a) WDT_0 Operation in Watchdog Timer Mode
TCNT value
H'00
Time
H'FF
WT/IT = 1
TME = 1
Write H'00
to TCNT
WT/IT = 1
TME = 1
Write H'00
to TCNT
515/516 states
WT/
IT:
TME:
[Legend]
Overflow
Internal reset
is generated
WOVF = 1*
Timer mode select bit
Timer enable bit
Internal reset signal
Note: *
After the WOVF bit becomes 1, it is cleared to 0 by an internal reset.
Figure 12.3 (b) WDT_1 Operation in Watchdog Timer Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com