Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 388 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 388 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 384Page - Renesas Technology Corp HD6432607 Datasheet HTML 385Page - Renesas Technology Corp HD6432607 Datasheet HTML 386Page - Renesas Technology Corp HD6432607 Datasheet HTML 387Page - Renesas Technology Corp HD6432607 Datasheet HTML 388Page - Renesas Technology Corp HD6432607 Datasheet HTML 389Page - Renesas Technology Corp HD6432607 Datasheet HTML 390Page - Renesas Technology Corp HD6432607 Datasheet HTML 391Page - Renesas Technology Corp HD6432607 Datasheet HTML 392Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 710 page
background image
Section 12 Watchdog Timer (WDT)
Rev. 1.00 Jan. 29, 2008 Page 348 of 666
REJ09B0427-0100
Reading TCNT, TCSR, and RSTCSR (WDT0)
These registers are read in the same way as other registers. The read addresses are H'FF74 for
TCSR, H'FF75 for TCNT, and H'FF77 for RSTCSR.
12.5.2
Contention between Timer Counter (TCNT) Write and Increment
If a timer counter clock pulse is generated during the T2 state of a TCNT write cycle, the write
takes priority and the timer counter is not incremented. Figure 12.5 shows this operation.
Address
φ
Internal write signal
TCNT input clock
TCNT
N
M
T1
T2
TCNT write cycle
Counter write data
Figure 12.5 Contention between TCNT Write and Increment
12.5.3
Changing Value of CKS2 to CKS0
If bits CKS0 to CKS2 in TCSR are written to while the WDT is operating, errors could occur in
the incrementation. Software must be used to stop the watchdog timer (by clearing the TME bit to
0) before changing the value of bits CKS0 to CKS2.
12.5.4
Switching between Watchdog Timer Mode and Interval Timer Mode
If the mode is switched from watchdog timer to interval timer while the WDT is operating, errors
could occur in the incrementation. Software must be used to stop the watchdog timer (by clearing
the TME bit to 0) before switching the mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com