Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 391 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 391 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 387Page - Renesas Technology Corp HD6432607 Datasheet HTML 388Page - Renesas Technology Corp HD6432607 Datasheet HTML 389Page - Renesas Technology Corp HD6432607 Datasheet HTML 390Page - Renesas Technology Corp HD6432607 Datasheet HTML 391Page - Renesas Technology Corp HD6432607 Datasheet HTML 392Page - Renesas Technology Corp HD6432607 Datasheet HTML 393Page - Renesas Technology Corp HD6432607 Datasheet HTML 394Page - Renesas Technology Corp HD6432607 Datasheet HTML 395Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 710 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 1.00 Jan. 29, 2008 Page 351 of 666
REJ09B0427-0100
Section 13 Serial Communication Interface (SCI)
This LSI has four independent serial communication interface (SCI) channels. The SCI can handle
both asynchronous and clocked synchronous serial communication. Serial data communication
can be carried out using standard asynchronous communication chips such as a Universal
Asynchronous Receiver/Transmitter (UART) or an Asynchronous Communication Interface
Adapter (ACIA). A function is also provided for serial communication between processors
(multiprocessor communication function). The SCI also supports an IC card (smart card) interface
conforming to ISO/IEC 7816-3 (Identification Card) as a serial communication interface extension
function.
Figure 13.1 shows a block diagram of the SCI.
13.1
Features
• Choice of asynchronous or clocked synchronous serial communication mode
• Full-duplex communication capability
The transmitter and receiver are mutually independent, enabling transmission and reception to
be executed simultaneously.
Double-buffering is used in both the transmitter and the receiver, enabling continuous
transmission and continuous reception of serial data.
• On-chip baud rate generator allows any bit rate to be selected
External clock can be selected as a transfer clock source (except for in Smart card interface
mode).
• Choice of LSB-first or MSB-first transfer (except in the case of asynchronous mode 7-bit data)
• Four interrupt sources
Transmit-end, transmit-data-empty, receive-data-full, and receive error
 that can issue
requests.
The transmit-data-empty interrupt and receive data full interrupts can be used to activate the
data transfer controller (DTC).
• Module stop mode can be set
Asynchronous mode
• Data length: 7 or 8 bits
• Stop bit length: 1 or 2 bits
• Parity: Even, odd, or none
• Receive error detection: Parity, overrun, and framing errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com