Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 394 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 394 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 390Page - Renesas Technology Corp HD6432607 Datasheet HTML 391Page - Renesas Technology Corp HD6432607 Datasheet HTML 392Page - Renesas Technology Corp HD6432607 Datasheet HTML 393Page - Renesas Technology Corp HD6432607 Datasheet HTML 394Page - Renesas Technology Corp HD6432607 Datasheet HTML 395Page - Renesas Technology Corp HD6432607 Datasheet HTML 396Page - Renesas Technology Corp HD6432607 Datasheet HTML 397Page - Renesas Technology Corp HD6432607 Datasheet HTML 398Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 710 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 1.00 Jan. 29, 2008 Page 354 of 666
REJ09B0427-0100
13.3
Register Descriptions
The SCI has the following registers for each channel. The serial mode register (SMR), serial status
register (SSR), and serial control register (SCR) are described separately for normal serial
communication interface mode and smart card interface mode because their bit functions differ in
part.
• Receive shift register (RSR)
• Receive data register (RDR)
• Transmit data register (TDR)
• Transmit shift register (TSR)
• Serial mode register (SMR)
• Serial control register (SCR)
• Serial status register (SSR)
• Smart card mode register (SCMR)
• Bit rate register (BRR)
13.3.1
Receive Shift Register (RSR)
RSR is a shift register that is used to receive serial data input to the RxD pin and convert it into
parallel data. When one byte of data has been received, it is transferred to RDR automatically.
RSR cannot be directly accessed by the CPU.
13.3.2
Receive Data Register (RDR)
RDR is an 8-bit register that stores received data. When the SCI has received one byte of serial
data, it transfers the received serial data from RSR to RDR, where it is stored. After this, RSR is
receive-enabled. As RSR and RDR function as a double buffer in this way, continuous receive
operations are possible. After confirming that the RDRF bit in SSR is set to 1, read RDR only
once. RDR cannot be written to by the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com