Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 397 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 397 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 393Page - Renesas Technology Corp HD6432607 Datasheet HTML 394Page - Renesas Technology Corp HD6432607 Datasheet HTML 395Page - Renesas Technology Corp HD6432607 Datasheet HTML 396Page - Renesas Technology Corp HD6432607 Datasheet HTML 397Page - Renesas Technology Corp HD6432607 Datasheet HTML 398Page - Renesas Technology Corp HD6432607 Datasheet HTML 399Page - Renesas Technology Corp HD6432607 Datasheet HTML 400Page - Renesas Technology Corp HD6432607 Datasheet HTML 401Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 710 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 1.00 Jan. 29, 2008 Page 357 of 666
REJ09B0427-0100
• Smart Card Interface Mode (When SMIF in SCMR is 1)
Bit
Bit Name
Initial
Value
R/W
Description
7
GM
0
R/W
GSM Mode
When this bit is set to 1, the SCI operates in GSM
mode. In GSM mode, the timing of the TEND setting is
advanced by 11.0 etu (Elementary Time Unit: the time
for transfer of one bit), and clock output control mode
addition is performed. For details, see section 13.7.8,
Clock Output Control.
6
BLK
0
R/W
When this bit is set to 1, the SCI operates in block
transfer mode. For details on block transfer mode, see
section 13.7.3, Block Transfer Mode.
5
PE
0
R/W
Parity Enable (enabled only in asynchronous mode)
When this bit is set to 1, the parity bit is added to
transmit data in transmission, and the parity bit is
checked in reception. In smart card interface mode, this
bit must be set to 1.
4
O/
E
0
R/W
Parity Mode (enabled only when the PE bit is 1 in
asynchronous mode)
0: Selects even parity.
1: Selects odd parity.
For details on setting this bit in smart card interface
mode, see section 13.7.2, Data Format (Except for
Block Transfer Mode).
3
2
BCP1
BCP0
0
0
R/W
R/W
Basic Clock Pulse 1 and 2
These bits specify the number of basic clock periods in
a 1-bit transfer interval on the smart card interface.
00: 32 clock (S = 32)
01: 64 clock (S = 64)
10: 372 clock (S = 372)
11: 256 clock (S = 256)
For details, see section 13.7.4, Receive Data Sampling
Timing and Reception Margin in smart card Interface
Mode. S stands for the value of S in BRR (see section
13.3.9, Bit Rate Register (BRR)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com