Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 398 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 398 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 394Page - Renesas Technology Corp HD6432607 Datasheet HTML 395Page - Renesas Technology Corp HD6432607 Datasheet HTML 396Page - Renesas Technology Corp HD6432607 Datasheet HTML 397Page - Renesas Technology Corp HD6432607 Datasheet HTML 398Page - Renesas Technology Corp HD6432607 Datasheet HTML 399Page - Renesas Technology Corp HD6432607 Datasheet HTML 400Page - Renesas Technology Corp HD6432607 Datasheet HTML 401Page - Renesas Technology Corp HD6432607 Datasheet HTML 402Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 710 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 1.00 Jan. 29, 2008 Page 358 of 666
REJ09B0427-0100
Bit
Bit Name
Initial
Value
R/W
Description
1
0
CKS1
CKS0
0
0
R/W
R/W
Clock Select 0 and 1
These bits select the clock source for the baud rate
generator.
00:
φ clock (n = 0)
01:
φ/4 clock (n = 1)
10:
φ/16 clock (n = 2)
11:
φ/64 clock (n = 3)
For the relationship between the bit rate register setting
and the baud rate, see section 13.3.9, Bit Rate Register
(BRR). n is the decimal representation of the value of n
in BRR (see section 13.3.9, Bit Rate Register (BRR)).
13.3.6
Serial Control Register (SCR)
SCR is a register that enables or disables SCI transfer operations and interrupt requests, and is also
used to selection of the transfer clock source. For details on interrupt requests, see section 13.8,
Interrupt Sources. Some bit functions of SCR differ between normal serial communication
interface mode and smart card interface mode.
• Normal Serial Communication Interface Mode (When SMIF in SCMR is 0)
Bit
Bit Name
Initial
Value
R/W
Description
7
TIE
0
R/W
Transmit Interrupt Enable
When this bit is set to 1, the TXI interrupt request is
enabled.
6
RIE
0
R/W
Receive Interrupt Enable
When this bit is set to 1, RXI and ERI interrupt requests
are enabled.
5
TE
0
R/W
Transmit Enable
When this bit s set to 1, transmission is enabled.
4
RE
0
R/W
Receive Enable
When this bit is set to 1, reception is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com