Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 402 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 402 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 398Page - Renesas Technology Corp HD6432607 Datasheet HTML 399Page - Renesas Technology Corp HD6432607 Datasheet HTML 400Page - Renesas Technology Corp HD6432607 Datasheet HTML 401Page - Renesas Technology Corp HD6432607 Datasheet HTML 402Page - Renesas Technology Corp HD6432607 Datasheet HTML 403Page - Renesas Technology Corp HD6432607 Datasheet HTML 404Page - Renesas Technology Corp HD6432607 Datasheet HTML 405Page - Renesas Technology Corp HD6432607 Datasheet HTML 406Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 710 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 1.00 Jan. 29, 2008 Page 362 of 666
REJ09B0427-0100
Bit
Bit Name
Initial
Value
R/W
Description
5
ORER
0
R/W
Overrun Error
[Setting condition]
• When the next serial reception is completed while
RDRF = 1
[Clearing condition]
• When 0 is written to ORER after reading ORER = 1
4
FER
0
R/W
Framing Error
[Setting condition]
• When the stop bit is 0
[Clearing condition]
• When 0 is written to FER after reading FER = 1
In 2-stop-bit mode, only the first stop bit is checked.
3
PER
0
R/W
Parity Error
[Setting condition]
• When a parity error is detected during reception
[Clearing condition]
• When 0 is written to PER after reading PER = 1
2
TEND
1
R
Transmit End
[Setting conditions]
• When the TE bit in SCR is 0
• When TDRE = 1 at transmission of the last bit of a
1-byte serial transmit character
[Clearing conditions]
• When 0 is written to TDRE after reading TDRE = 1
• When the DTC is activated by a TXI interrupt and
writes data to TDR
1
MPB
0
R
Multiprocessor Bit
MPB stores the multiprocessor bit in the receive data.
When the RE bit in SCR is cleared to 0 its previous
state is retained.
0
MPBT
0
R/W
Multiprocessor Bit Transfer
MPBT stores the multiprocessor bit to be added to the
transmit data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com